Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH316F555001-T Datasheet(PDF) 3 Page - Taiyo Yuden (U.S.A.), Inc

Part # AH316F555001-T
Description  CHIP ANTENNA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

AH316F555001-T Datasheet(HTML) 3 Page - Taiyo Yuden (U.S.A.), Inc

  AH316F555001-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc AH316F555001-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc AH316F555001-T Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc AH316F555001-T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc AH316F555001-T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc AH316F555001-T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc AH316F555001-T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc AH316F555001-T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
149
1
chipantenna01_e-01
ELECTRICAL CHARACTERISTICS・TYPICAL CHARACTERISTICS
*This catalog contains the typical specification only due to the limitation of space. When you consider purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Typical Characteristics on Taiyo Yuden evaluation board
AF 216M245001
AF 816M157502
Typical characteristics of VSWR
Typical characteristics of radiation pattern(@2.45GHz)
440MHz
Bandwidth: 180MHz
11
(VSWR: less than 2)
1.325
1.575
1.825
Typical characteristics of VSWR
Typical characteristics of radiation pattern(@1.575GHz)
AH 316M157501
AH 316M245001
Typical characteristics of VSWR
Typical characteristics of VSWR
Typical characteristics of radiation pattern(@1.575GHz)
Typical characteristics of radiation pattern(@2.45GHz)
AH 116M157502
Typical characteristics of VSWR
Typical characteristics of radiation pattern(@1.575GHz)
Vertical
polarization
Horizontal
polarization
XY-Plane
−Y
−X
+X
+Y
+X
−Y
+Y
Vertical
polarization
Horizontal
polarization
ZX-Plane
+X
+X
−Z
+Z
+Z
−Z
−X
ZX-Plane
+X
+Z
−Z
−X
Vertical
polarization
Horizontal
polarization
+X
−Z
+Z
Vertical
polarization
Horizontal
polarization
XY-Plane
−Y
+X
−Y
+Y
−X
+X
+Y
1.325
1.575
1.825
Bandwidth:125MHz
(VSWR:less than2)
Vertical
polarization
Horizontal
polarization
ZX-Plane
+X
+X
−Z
+Z
+Z
−Z
−X
Vertical
polarization
Horizontal
polarization
ZX-Plane
+X
+Z
−Z
−X
+X
−Z
+Z
Vertical
polarization
Horizontal
polarization
XY-Plane
−Y
+X
−Y
+Y
−X
+X
+Y
Vertical
polarization
Horizontal
polarization
XY-Plane
−Y
−X
+X
+Y
+X
−Y
+Y
Bandwidth: 90MHz
(VSWR: less than 2)
1.325
1.575
1.825
Bandwidth: more than 170MHz
(VSWR: less than 2)
Bandwidth: 190MHz
(VSWR: less than 2)
2.0
2.5
3.0
Vertical
polarization
Horizontal
polarization
ZX-Plane
+X
+X
−Z
+Z
+Z
−Z
−X
Vertical
polarization
Horizontal
polarization
XY-Plane
−Y
+X
−Y
+Y
−X
+X
+Y


Similar Part No. - AH316F555001-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH31 ETC-AH31 Datasheet
323Kb / 9P
   High Dynamic Range IF Amplifier
logo
WJ Communication. Inc.
AH31 WJCI-AH31 Datasheet
270Kb / 8P
   High Dynamic Range IF Amplifier
AH31 WJCI-AH31 Datasheet
326Kb / 7P
   High Dynamic Range IF Amplifier
logo
List of Unclassifed Man...
AH31-G ETC-AH31-G Datasheet
323Kb / 9P
   High Dynamic Range IF Amplifier
logo
WJ Communication. Inc.
AH31-G WJCI-AH31-G Datasheet
326Kb / 7P
   High Dynamic Range IF Amplifier
More results

Similar Description - AH316F555001-T

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
RCA-5220-A2-TR RALTRON-RCA-5220-A2-TR Datasheet
461Kb / 3P
   CHIP ANTENNA
RCA-E-1003-E1-TR RALTRON-RCA-E-1003-E1-TR Datasheet
380Kb / 3P
   CHIP ANTENNA
RCA-E-3216-J2-TR RALTRON-RCA-E-3216-J2-TR Datasheet
306Kb / 3P
   CHIP ANTENNA
RCA-W2-P-3216-A36-G RALTRON-RCA-W2-P-3216-A36-G Datasheet
395Kb / 6P
   CHIP ANTENNA
logo
Pulse A Technitrol Comp...
W3014 PULSE-W3014 Datasheet
861Kb / 13P
   Chip Antenna
logo
Raltron Electronics Cor...
RCA-E-3216-EE-TR RALTRON-RCA-E-3216-EE-TR Datasheet
621Kb / 3P
   CHIP ANTENNA
RCA-E-3216-EA-TR RALTRON-RCA-E-3216-EA-TR Datasheet
742Kb / 7P
   CHIP ANTENNA
RCA-3216-A1-TR RALTRON-RCA-3216-A1-TR Datasheet
541Kb / 3P
   CHIP ANTENNA
RCA-9520-A0-TR RALTRON-RCA-9520-A0-TR Datasheet
619Kb / 4P
   CHIP ANTENNA
RCA-E-3216-A2-TR RALTRON-RCA-E-3216-A2-TR Datasheet
552Kb / 3P
   CHIP ANTENNA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com