Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVB035RSC-L Datasheet(PDF) 1 Page - Tyco Electronics

Part # TVB035RSC-L
Description  SiBar Thyristor Surge Protectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TVB035RSC-L Datasheet(HTML) 1 Page - Tyco Electronics

  TVB035RSC-L Datasheet HTML 1Page - Tyco Electronics TVB035RSC-L Datasheet HTML 2Page - Tyco Electronics TVB035RSC-L Datasheet HTML 3Page - Tyco Electronics TVB035RSC-L Datasheet HTML 4Page - Tyco Electronics TVB035RSC-L Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document: SCD 27173
SiBar Thyristor Surge Protectors
Status: Released
© 2007 Tyco Electronics Corporation. All rights Reserved.
1
Rev: B Date: December 12, 2007
SiBar Thyristor Surge Protectors
TVBxxxRSC-L Series
Circuit Protection's SiBar thyristor surge protection
devices are designed to help protect sensitive
telecommunication equipment from the hazards caused
by lightning, power contact, and power induction. These
devices have a high electrical surge capability to help
protect against transient faults and a high off-state
impedance, rendering them virtually transparent during
normal system operation.
SiBar thyristor surge protectors are designed to assist
telecommunication and computer telephony equipment
in meeting the applicable requirements and industry
specifications.
Applications:
• Central Office Equipment
• Set top boxes
• Analog and digital linecards (xDSL, T1/E1...)
• POS systems
• Phones, answering machines
• Fax Machines
• PBX systems
Benefits:
• Helps provide protection for sensitive telecom
electronic equipment
• Low capacitance
• Low leakage current
• Low power dissipation
• Fast, reliable operation
• No wear-out mechanisms
• Helps designers meet worldwide telecom standards
• Helps reduce warranty and service costs
• Easy installation
• Helps improve power efficiency of equipment
Features:
• RoHS compliant available on all parts
• Bidirectional crowbar transient voltage protection
• Broad voltage range 6V – 400V
• Low capactiance 20pF-45pF @ 50V
• High off-state impedance
• Low on-state voltage
• High surge capability
• Short-circuit failure mode
• Surface-mount technology
• DO-214AA SMB package
• 10 x 1000 μs 100A surge rating
• Helps equipment comply with TIA-968,
Telcordia GR-1089, IEC61000-4-5, ITU K.20/21/45


Similar Part No. - TVB035RSC-L

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TVB058NSA-L MACOM-TVB058NSA-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
TVB058NSB-L MACOM-TVB058NSB-L Datasheet
257Kb / 5P
   SiBar Thyristor Surge Protectors
TVB058NSC-L MACOM-TVB058NSC-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
TVB058SA-L MACOM-TVB058SA-L Datasheet
179Kb / 12P
   SiBar Thyristor Surge Protectors
TVB058SA-L MACOM-TVB058SA-L Datasheet
300Kb / 5P
   SiBar Thyristor Surge Protectors
More results

Similar Description - TVB035RSC-L

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TVA065RSA-L MACOM-TVA065RSA-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
TVB058NSB-L MACOM-TVB058NSB-L Datasheet
257Kb / 5P
   SiBar Thyristor Surge Protectors
TVA270SA MACOM-TVA270SA Datasheet
179Kb / 12P
   SiBar Thyristor Surge Protectors
TVA170NSA-L MACOM-TVA170NSA-L Datasheet
299Kb / 5P
   SiBar Thyristor Surge Protectors
TVB058NSC-L MACOM-TVB058NSC-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
TVA170SA-L MACOM-TVA170SA-L Datasheet
300Kb / 5P
   SiBar Thyristor Surge Protectors
TVB058SA-L MACOM-TVB058SA-L Datasheet
300Kb / 5P
   SiBar Thyristor Surge Protectors
TVB200SB-L MACOM-TVB200SB-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
TVB058NSA-L MACOM-TVB058NSA-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
TVB170SC MACOM-TVB170SC Datasheet
27Kb / 2P
   PolySwitch SiBar Thyristor Surge Protectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com