Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVB120NSA-L Datasheet(PDF) 3 Page - Tyco Electronics

Part # TVB120NSA-L
Description  SiBar Thyristor Surge Protectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TVB120NSA-L Datasheet(HTML) 3 Page - Tyco Electronics

  TVB120NSA-L Datasheet HTML 1Page - Tyco Electronics TVB120NSA-L Datasheet HTML 2Page - Tyco Electronics TVB120NSA-L Datasheet HTML 3Page - Tyco Electronics TVB120NSA-L Datasheet HTML 4Page - Tyco Electronics TVB120NSA-L Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document: SCD 27218
SiBar Thyristor Surge Protectors
Status: Released
© 2007 Tyco Electronics Corporation. All rights Reserved.
3
Rev: B
Date: DECEMBER 12, 2007
SiBar Thyristor Surge Protectors
TVBxxxNSA-L Series
Table SB3 – Dimensions in Millimeters
A
B
C
D
Dimension
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
4.06
4.57
3.30
3.94
1.90
2.41
1.95
2.20
TVBxxxNSA-L
(0.160)
(0.180)
(0.130)
(0.155)
(0.075)
(0.095)
(0.077)
(0.087)
H
J
K
P
S
Dimension
Min.
Max.
Min.
Max.
Min.
Max.
Ref
Min
Max.
0.051
0.200
0.150
0.31
0.76
1.27
0.51
5.21
5.59
TVBxxxNSA-L
(0.002)
(0.008)
(0.006)
(0.012)
(0.030)
(0.050)
(0.202)
(0.205)
(0.220)
Notes: *D dimension is measured within dimension P.
TVB series devices use industry standard SMB package type.
All devices are bidirectional and may be oriented in either direction for installation
Table SB5 – Reliability Tests
Test
Conditions
Duration
High temperature, reverse bias
+100°C, 50VDC bias
1000 hours
High humidity, high temperature, reverse bias
85% RH, +85°C, 50VDC bias
1000 hours
High temperature storage life
+150°C
1000 hours
Temperature cycling
-65°C to +150°C, 15 minute dwell
1000 cycles
Autoclave
100% RH, +121°C, 15 PSI
96 hours
Table SB4 – Physical Characteristics and Environmental Specifications
Lead material
Matte tin finish (-L devices)
Encapsulating material
Epoxy, meets UL94V-0 requirements
Solderability
per MIL-STD-750, Method 2026
Solder heat withstand
per MIL-STD-750, Method 2031
Solvent resistance
per MIL-STD-750, Method 1022
Mechanical shock
per MIL-STD-750, Method 2016
Vibration
per MIL-STD-750, Method 2056
Storage temperature (°C)
-55 to 150
Operating temperature (°C)
-40 to 125
Junction temperature (°C)
175
Maximum Lead Temperature for Soldering Purpose; for 10s (°C) 260


Similar Part No. - TVB120NSA-L

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TVB120NSB-L MACOM-TVB120NSB-L Datasheet
257Kb / 5P
   SiBar Thyristor Surge Protectors
TVB120NSC-L MACOM-TVB120NSC-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
More results

Similar Description - TVB120NSA-L

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TVA065RSA-L MACOM-TVA065RSA-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
TVB058NSB-L MACOM-TVB058NSB-L Datasheet
257Kb / 5P
   SiBar Thyristor Surge Protectors
TVA270SA MACOM-TVA270SA Datasheet
179Kb / 12P
   SiBar Thyristor Surge Protectors
TVA170NSA-L MACOM-TVA170NSA-L Datasheet
299Kb / 5P
   SiBar Thyristor Surge Protectors
TVB058NSC-L MACOM-TVB058NSC-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
TVA170SA-L MACOM-TVA170SA-L Datasheet
300Kb / 5P
   SiBar Thyristor Surge Protectors
TVB058SA-L MACOM-TVB058SA-L Datasheet
300Kb / 5P
   SiBar Thyristor Surge Protectors
TVB200SB-L MACOM-TVB200SB-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
TVB006RSC-L MACOM-TVB006RSC-L Datasheet
415Kb / 5P
   SiBar Thyristor Surge Protectors
TVB170SC MACOM-TVB170SC Datasheet
27Kb / 2P
   PolySwitch SiBar Thyristor Surge Protectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com