Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

590BC148M352DG Datasheet(PDF) 3 Page - Silicon Laboratories

Part # 590BC148M352DG
Description  1 ps MAX JITTER CRYSTAL OSCILLATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

590BC148M352DG Datasheet(HTML) 3 Page - Silicon Laboratories

  590BC148M352DG Datasheet HTML 1Page - Silicon Laboratories 590BC148M352DG Datasheet HTML 2Page - Silicon Laboratories 590BC148M352DG Datasheet HTML 3Page - Silicon Laboratories 590BC148M352DG Datasheet HTML 4Page - Silicon Laboratories 590BC148M352DG Datasheet HTML 5Page - Silicon Laboratories 590BC148M352DG Datasheet HTML 6Page - Silicon Laboratories 590BC148M352DG Datasheet HTML 7Page - Silicon Laboratories 590BC148M352DG Datasheet HTML 8Page - Silicon Laboratories 590BC148M352DG Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Si590/591
Preliminary Rev. 0.25
3
Table 3. CLK± Output Levels and Symmetry
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
LVPECL Output Option1
VO
mid-level
VDD – 1.42
VDD – 1.25
V
VOD
swing (diff)
1.1
1.9
VPP
VSE
swing (single-ended)
0.55
0.95
VPP
LVDS Output Option2
VO
mid-level
1.125
1.20
1.275
V
VOD
swing (diff)
0.5
0.7
0.9
VPP
CML Output Option2
VO
mid-level
VDD – 0.75
V
VOD
swing (diff)
0.70
0.95
1.20
VPP
CMOS Output Option3
VOH
0.8 x VDD
VDD
V
VOL
——
0.4
Rise/Fall time (20/80%)
tR, tF
LVPECL/LVDS/CML
350
ps
CMOS with CL =15pF
2
ns
Symmetry (duty cycle)
SYM
LVPECL:
VDD – 1.3 V (diff)
LVDS:
1.25 V (diff)
CMOS:
VDD/2
45
55
%
Notes:
1. 50
 to V
DD – 2.0 V.
2. Rterm = 100  (differential).
3. CL = 15 pF. Sinking or sourcing 12 mA for VDD = 3.3V, 6mA for VDD = 2.5V, 3mA for VDD = 1.8 V.
Table 4. CLK± Output Phase Jitter
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Phase Jitter (RMS)1
for 50 MHz < FOUT < 525 MHz
(LVPECL/LVDS/CML)
J
12 kHz to 20 MHz
0.5
1.0
ps
Phase Jitter (RMS)2
for 50 MHz < FOUT < 160 MHz
(CMOS)
J
12 kHz to 20 MHz
0.6
1.0
ps
Notes:
1. Differential Modes LVPECL/LVDS/CML. 3.3 and 2.5 V supply voltage options only.
2. Single-ended CMOS output phase jitter measured using 33
 series termination into 50  phase noise test equipment.
3.3 V supply voltage option only.
Table 5. CLK± Output Period Jitter
Parameter
Symbol
Test Condition
Min
Typ
Max
Units
Period Jitter*
JPER
RMS
3
ps
Peak-to-Peak
35
*Note: Any output mode, including CMOS, LVPECL, LVDS, CML. N = 1000 cycles. Refer to AN279 for further information.


Similar Part No. - 590BC148M352DG

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
590 MALLORY-590 Datasheet
68Kb / 2P
   ADJUSTABLE FLANGE DISTRIBUTOR ADJUSTMENT
logo
Switchcraft, Inc.
590 SWITCH-590 Datasheet
32Kb / 1P
   1/4 COMMERCIAL PHONE PLUGS
logo
ebm-papst
5900 EBMPAPST-5900 Datasheet
443Kb / 1P
   TUBEAXIAL
5900 EBMPAPST-5900 Datasheet
293Kb / 4P
   AC axial compact fan
logo
Anderson Power Products...
5900 APP-5900 Datasheet
1Mb / 13P
   PP15/45 series are the smallest Powerpole® housings.
REV C7
More results

Similar Description - 590BC148M352DG

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI590 SKYWORKS-SI590 Datasheet
521Kb / 16P
   1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
Rev. 1.2
logo
List of Unclassifed Man...
591BD-DDG ETC2-591BD-DDG Datasheet
121Kb / 12P
   1 ps MAX JITTER CRYSTAL OSCILLATOR (XO) (10 MHZ TO 810 MHZ)
logo
Microchip Technology
MX55 MICROCHIP-MX55 Datasheet
1Mb / 28P
   Low Jitter Crystal Oscillator
10/25/17
logo
Abracon Corporation
ABLJO ABRACON-ABLJO Datasheet
2Mb / 3P
   LOW JITTER CRYSTAL OSCILLATOR
05.31.11
ABLJO ABRACON-ABLJO_15 Datasheet
2Mb / 4P
   LOW JITTER CRYSTAL OSCILLATOR
09.05.13
logo
List of Unclassifed Man...
EG-2001CA ETC1-EG-2001CA Datasheet
61Kb / 1P
   LOW-JITTER CRYSTAL OSCILLATOR
logo
Epson ToYoCom
XG-1000CA EPSONTOYOCOM-XG-1000CA Datasheet
446Kb / 2P
   CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
EG-2101CA EPSONTOYOCOM-EG-2101CA Datasheet
219Kb / 2P
   CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
logo
EPCOS
EG-2001CA125.0000M-PCHL3 EPCOS-EG-2001CA125.0000M-PCHL3 Datasheet
200Kb / 1P
   CRYSTAL OSCILLATOR LOW-JITTER SAW OSCILLATOR
logo
List of Unclassifed Man...
XG-1000CA ETC2-XG-1000CA Datasheet
247Kb / 1P
   CRYSTAL LOW-JITTER SAW OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com