Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D12527-000 Datasheet(PDF) 2 Page - Tyco Electronics

Part # D12527-000
Description  Metal Oxide Varistors Overvoltage Protection Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

D12527-000 Datasheet(HTML) 2 Page - Tyco Electronics

  D12527-000 Datasheet HTML 1Page - Tyco Electronics D12527-000 Datasheet HTML 2Page - Tyco Electronics D12527-000 Datasheet HTML 3Page - Tyco Electronics D12527-000 Datasheet HTML 4Page - Tyco Electronics D12527-000 Datasheet HTML 5Page - Tyco Electronics D12527-000 Datasheet HTML 6Page - Tyco Electronics D12527-000 Datasheet HTML 7Page - Tyco Electronics D12527-000 Datasheet HTML 8Page - Tyco Electronics D12527-000 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
308 Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
www.circuitprotection.com
Metal Oxide Varistors
Overvoltage Protection Device
Raychem Circuit Protection Products
PRODUCT: ROV10, ROV10H
10mm Series
DOCUMENT: SCD 25482
PCN:
REV LETTER: D
REV DATE: JULY 19, 2007
PAGE NO.: 2 of 10
PART NUMBERING
ROV 10 – 241 K -S -2
Manufacturer series
Packaging
: Bulk
Disk Diameter
-2 : Tape & Reel
10mm
-AP : Ammo Pack
Surge series
Lead Type
- : Standard Series
: Kinked Lead
H : High Surge Series
-S : Straight Lead
Varistor Voltage
Tolerance
241 = 24 x 10^1 = 240V
K : ±10%
L : ±15%
M : ±20%
471K
VDE
GENERAL CHARACTERISTICS
Storage temperature:
-40°C … +125°C
Maximum operating temperature:
-40°C … + 85°C
Maximum working surface temperature:
+115°C
Temperature coefficient of voltage:
0 … +0.05% / °C max.
Insulation resistance of coating (@ 500 VDC):
Over 1000MΩ
Maximum response time:
25ns
Lead Material:
22 AWG Sn Plated Copper
AGENCY RECOGNITION
Device Ratings and Characteristics Tables contain specific recognition information for each individual part. The table below details
marking symbols for each agency recognition type.
UL1449
(2nd Edition)
UL1414
CSA
VDE
Manufacturer’s Mark
471 K
Voltage Designator
Tolerance (± 10%)
- Lot Identification
- Agency Marking
Lot Identification
RoHS compliant devices: 4 characters
Non RoHS compliant devices: 5 characters with M at the end.


Similar Part No. - D12527-000

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D125 MPD-D125 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
Intersil Corporation
D125 INTERSIL-D125 Datasheet
4Mb / 122P
   P-CHANNEL JFET
D125 INTERSIL-D125 Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
logo
eupec GmbH
D1251S45T EUPEC-D1251S45T Datasheet
47Kb / 3P
   European Power- Semiconductor and Electronics Company
logo
List of Unclassifed Man...
D1255 ETC2-D1255 Datasheet
45Kb / 8P
   Control/Communicators
More results

Similar Description - D12527-000

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com