Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ROV10H561K Datasheet(PDF) 9 Page - Tyco Electronics

Part # ROV10H561K
Description  Metal Oxide Varistors Overvoltage Protection Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV10H561K Datasheet(HTML) 9 Page - Tyco Electronics

Back Button ROV10H561K Datasheet HTML 2Page - Tyco Electronics ROV10H561K Datasheet HTML 3Page - Tyco Electronics ROV10H561K Datasheet HTML 4Page - Tyco Electronics ROV10H561K Datasheet HTML 5Page - Tyco Electronics ROV10H561K Datasheet HTML 6Page - Tyco Electronics ROV10H561K Datasheet HTML 7Page - Tyco Electronics ROV10H561K Datasheet HTML 8Page - Tyco Electronics ROV10H561K Datasheet HTML 9Page - Tyco Electronics ROV10H561K Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
308 Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
www.circuitprotection.com
Metal Oxide Varistors
Overvoltage Protection Device
Raychem Circuit Protection Products
PRODUCT: ROV10, ROV10H
10mm Series
DOCUMENT: SCD 25482
PCN:
REV LETTER: D
REV DATE: JULY 19, 2007
PAGE NO.: 9 of 10
TAPE AND REEL DIMENSIONS
Symbols
Item
Value
λ
Cut out length
1.1mm max.
H1 (Kinked lead)
Height of kink
5.0mm max.
Ho (Kinked lead)
Height to seating plane
16.0 ± 0.5mm
Ho (Straight lead)
Height of component from hole center
16.0-21.0mm
∆h
Front to back deviation
0.0 ± 2.0mm
W
Carrier tape width
W0
Hold down tape width
10.0mm, 12.0mm
W1
Sprocket hole position
W2
Adhesive tape position
3.0mm max.
F
Component lead spacing
,
P
Pitch of component
12.7 ± 1.0mm, 25.4 ± 1.0mm
P0
Sprocket hole pitch
12.7 ± 0.3mm
P1
Lead length from hole center to lead
3.85 ± 0.7mm, 8.95 ± 0.7mm
P2
Length from hole center to disk center
6.35 ± 1.3mm, 12.7 ± 1.3mm
D0
Sprocket hole diameter
4.0 ± 0.2mm
d
Lead wire diameter
0.6 ± 0.05mm, 0.8 ± 0.05mm
T
Disk thickness
See C. max table
t1
Total thickness tape
0.7 ± 0.05mm
t2
Total thickness
1.6mm max. , 1.8mm max


Similar Part No. - ROV10H561K

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV10H561K MACOM-ROV10H561K Datasheet
540Kb / 10P
   Metal Oxide Varistors
More results

Similar Description - ROV10H561K

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com