Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ROV05-270K-S Datasheet(PDF) 4 Page - Tyco Electronics

Part # ROV05-270K-S
Description  5mm Series Metal Oxide Varistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV05-270K-S Datasheet(HTML) 4 Page - Tyco Electronics

  ROV05-270K-S Datasheet HTML 1Page - Tyco Electronics ROV05-270K-S Datasheet HTML 2Page - Tyco Electronics ROV05-270K-S Datasheet HTML 3Page - Tyco Electronics ROV05-270K-S Datasheet HTML 4Page - Tyco Electronics ROV05-270K-S Datasheet HTML 5Page - Tyco Electronics ROV05-270K-S Datasheet HTML 6Page - Tyco Electronics ROV05-270K-S Datasheet HTML 7Page - Tyco Electronics ROV05-270K-S Datasheet HTML 8Page - Tyco Electronics ROV05-270K-S Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ROV05, ROV05H
5mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.circuitprotection.com
Document: SCD 25480
Status: Released
Rev. C
May 18, 2005
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
4 of 10
© 2005 Tyco Electronics Corporation
PULSE LIFETIME RATING CURVES
V-I CHARACTERISTIC CURVES
STANDARD SERIES
STANDARD SERIES
ROV05-180M – ROV05-680K
ROV05-180M – ROV05-680K
10
10
10
10
10
10
10
10
10
10
10
10
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
500
400
300
200
150
100
90
80
70
60
50
40
30
20
15
10
9
8
7
6
5
40
20
10
8
6
4
2
1
0.8
0.6
0.4
0.2
100
80
60
0.1
0.08
0.06
20
200
2000
1 Pu
lse
2
10
10 2
10 3
10 4
10 5
10 6
RO
V05
-68
0K
RO
V05
-56
0K
RO
V05
-47
0K
RO
V05
-39
0K
RO
V05
-33
0K
RO
V05
-27
0K
RO
V05
-22
0L
RO
V05
-18
0M
TEST CURRENT WAVEFORM
10 ~10 A : DIRECT CURRENT
10 ~10 A :
-6
-3
-1
2
8 x 20 s
g
max leakage
current
max clamping
voltage
ROV05-680K
ROV05-560K
ROV05-470K
ROV05-390K
ROV05-330K
ROV05-270K
ROV05-220L
ROV05-180M
Rectangular Wave (µs)
Current (A)
ROV05-820K – ROV05-471K
ROV05-820K – ROV05-471K
10
10
10
10
10
10
10
10
10
10
10
10
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
3.000
2.000
1.000
900
800
700
600
500
400
300
200
150
100
90
80
70
60
50
40
30
400
300
200
100
80
60
40
20
10
8
6
4
2
1
0.8
0.6
0.4
0.2
1 Pu
lse
2
10
10 2
10 3
10 4
10 5
10 6
max leakage
current
max clamping
voltage
ROV05-431K
ROV05-391K
ROV05-361K
ROV05-201K
ROV05-221K
RO
V05
-47
1K
RO
V05
-27
1K
RO
V05
-24
1K
RO
V05
-15
1K
RO
V05
-12
1K
RO
V05
-10
1K
RO
V05
-82
0K
ROV05-471K
ROV05-431K
ROV05-391K
ROV05-361K
ROV05-271K
ROV05-241K
ROV05-221L
ROV05-201K
ROV05-151K
ROV05-121K
ROV05-101K
ROV05-820K
TEST CURRENT WAVEFORM
10 ~10 A : DIRECT CURRENT
10 ~10 A :
-6
-3
-1
3
8 x 20 s
g
20
200
2000
Rectangular Wave (µs)
Current (A)
µs
µs


Similar Part No. - ROV05-270K-S

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV07 MACOM-ROV07 Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV07-101K MACOM-ROV07-101K Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV07-121K MACOM-ROV07-121K Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV07-151K MACOM-ROV07-151K Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV07-180M MACOM-ROV07-180M Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
More results

Similar Description - ROV05-270K-S

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com