Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVB270SC-L Datasheet(PDF) 9 Page - Tyco Electronics

Part # TVB270SC-L
Description  SiBar Thyristor Surge Protectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TVB270SC-L Datasheet(HTML) 9 Page - Tyco Electronics

Back Button TVB270SC-L Datasheet HTML 4Page - Tyco Electronics TVB270SC-L Datasheet HTML 5Page - Tyco Electronics TVB270SC-L Datasheet HTML 6Page - Tyco Electronics TVB270SC-L Datasheet HTML 7Page - Tyco Electronics TVB270SC-L Datasheet HTML 8Page - Tyco Electronics TVB270SC-L Datasheet HTML 9Page - Tyco Electronics TVB270SC-L Datasheet HTML 10Page - Tyco Electronics TVB270SC-L Datasheet HTML 11Page - Tyco Electronics TVB270SC-L Datasheet HTML 12Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SiBar Thyristor
4
Raychem Circuit Protection
SiBar Thyristor Surge Protectors
347
Table V5. Physical Characteristics and Environmental Specifications for SiBar Thyristor Surge Protectors
Lead material
Tin/lead finish or matte tin finish(-L devices)
Encapsulating material
Epoxy, meets UL94V-0 requirements
Solderability
per MIL-STD-750, Method 2026
Solder heat withstand
per MIL-STD-750, Method 2031
Solvent resistance
per MIL-STD-750, Method 1022
Mechanical shock
per MIL-STD-750, Method 2016
Vibration
per MIL-STD-750, Method 2056
Storage temperature (°C)
– 55 to 150
Operating temperature (°C)
– 40 to 125
Junction temperature (°C)
150
Maximum lead temperature for soldering pupose; 10 seconds (°C)
+260
Table V6. Reliability Tests for SiBar Thyristor Surge Protectors
Test
Conditions
Duration
High temperature, reverse bias
+100˚C, 50 V
DC bias
1000 hours
High humidity, high temperature, reverse bias
85% RH, +85˚C, 50 V
DC bias
1000 hours
High temperature storage life
+150˚C
1000 hours
Temperature cycling
-65˚C to +150˚C, 15 minute dwell
1000 cycles
Autoclave
100% RH, +121˚C, 15 PSI
96 hours
Table V7. Packaging and Marking Information for SiBar Thyristor Surge Protectors (-L: Lead-free leaded devices)
Recommended Pad Layout (mil/inch)
Part
Tape and Reel
Standard
Part
Dimension
Dimension
Dimension
Agency
Description
Quantity
Package
Marking
A (Nom.)
B (Nom.)
C (Nom.)
Recognition
TVA270SA
5,000
20,000
270A
2.0 (0.079)
2.0 (0.079)
2.0 (0.079)
UL
TVA270SA-L
5,000
20,000
REAB
2.0 (0.079)
2.0 (0.079)
2.0 (0.079)
UL
TVB058SA-L
2,500
10,000
058A
2.261 (0.089)
2.159 (0.085)
2.743 (0.108)
UL
TVB170SA
2,500
10,000
RCBB
2.261 (0.089)
2.159 (0.085)
2.743 (0.108)
UL
TVB170SA-L
2,500
10,000
170A
2.261 (0.089)
2.159 (0.085)
2.743 (0.108)
UL
TVB200SA
2,500
10,000
RDBB
2.261 (0.089)
2.159 (0.085)
2.743 (0.108)
UL
TVB200SA-L
2,500
10,000
200A
2.261 (0.089)
2.159 (0.085)
2.743 (0.108)
UL
TVB270SA
2,500
10,000
REBB
2.261 (0.089)
2.159 (0.085)
2.743 (0.108)
UL
TVB270SA-L
2,500
10,000
270A
2.261 (0.089)
2.159 (0.085)
2.743 (0.108)
UL
TVB300SA-L
2,500
10,000
300A
2.261 (0.089)
2.159 (0.085)
2.743 (0.108)
UL
TVB200SB-L
2,500
10,000
200B
2.261 (0.089)
2.159 (0.085)
2.743 (0.108)
UL
TVB270SB-L
2,500
10,000
270B
2.261 (0.089)
2.159 (0.085)
2.743 (0.108)
UL
TVB300SB-L
2,500
10,000
300B
2.261 (0.089)
2.159 (0.085)
2.743 (0.108)
UL
TVB170SC
2,500
10,000
RCBD
2.261 (0.089)
2.159 (0.085)
2.743 (0.108)
UL
TVB170SC-L
2,500
10,000
170C
2.261 (0.089)
2.159 (0.085)
2.743 (0.108)
UL
TVB200SC
2,500
10,000
RDBD
2.261 (0.089)
2.159 (0.085)
2.743 (0.108)
UL
TVB200SC-L
2,500
10,000
200C
2.261 (0.089)
2.159 (0.085)
2.743 (0.108)
UL
TVB270SC
2,500
10,000
REBD
2.261 (0.089)
2.159 (0.085)
2.743 (0.108)
UL
TVB270SC-L
2,500
10,000
270C
2.261 (0.089)
2.159 (0.085)
2.743 (0.108)
UL
TVB300SC-L
2,500
10,000
300C
2.261 (0.089)
2.159 (0.085)
2.743 (0.108)
UL
NEW
NEW
NEW
NEW
NEW
NEW
347_04RaychemTycoX
9/15/04
7:43 AM
Page 347


Similar Part No. - TVB270SC-L

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TVB270SC MACOM-TVB270SC Datasheet
27Kb / 2P
   PolySwitch SiBar Thyristor Surge Protectors
TVB270SC MACOM-TVB270SC_04 Datasheet
66Kb / 2P
   Thyristor Surge Protectors
More results

Similar Description - TVB270SC-L

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TVA065RSA-L MACOM-TVA065RSA-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
TVB058NSB-L MACOM-TVB058NSB-L Datasheet
257Kb / 5P
   SiBar Thyristor Surge Protectors
TVA170NSA-L MACOM-TVA170NSA-L Datasheet
299Kb / 5P
   SiBar Thyristor Surge Protectors
TVB058NSC-L MACOM-TVB058NSC-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
TVA170SA-L MACOM-TVA170SA-L Datasheet
300Kb / 5P
   SiBar Thyristor Surge Protectors
TVB058SA-L MACOM-TVB058SA-L Datasheet
300Kb / 5P
   SiBar Thyristor Surge Protectors
TVB200SB-L MACOM-TVB200SB-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
TVB058NSA-L MACOM-TVB058NSA-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
TVB006RSC-L MACOM-TVB006RSC-L Datasheet
415Kb / 5P
   SiBar Thyristor Surge Protectors
TVB170SC MACOM-TVB170SC Datasheet
27Kb / 2P
   PolySwitch SiBar Thyristor Surge Protectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com