Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ROV10H241L-AP Datasheet(PDF) 5 Page - Tyco Electronics

Part # ROV10H241L-AP
Description  Metal Oxide Varistors Overvoltage Protection Device
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV10H241L-AP Datasheet(HTML) 5 Page - Tyco Electronics

  ROV10H241L-AP Datasheet HTML 1Page - Tyco Electronics ROV10H241L-AP Datasheet HTML 2Page - Tyco Electronics ROV10H241L-AP Datasheet HTML 3Page - Tyco Electronics ROV10H241L-AP Datasheet HTML 4Page - Tyco Electronics ROV10H241L-AP Datasheet HTML 5Page - Tyco Electronics ROV10H241L-AP Datasheet HTML 6Page - Tyco Electronics ROV10H241L-AP Datasheet HTML 7Page - Tyco Electronics ROV10H241L-AP Datasheet HTML 8Page - Tyco Electronics ROV10H241L-AP Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
308 Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
www.circuitprotection.com
Metal Oxide Varistors
Overvoltage Protection Device
Raychem Circuit Protection Products
PRODUCT: ROV10, ROV10H
10mm Series
DOCUMENT: SCD 25482
PCN:
REV LETTER: D
REV DATE: JULY 19, 2007
PAGE NO.: 5 of 10
DEVICE RATINGS AND CHARACTERISTICS
HIGH SURGE SERIES
Varistor Voltage
V@1.0mA
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
V@25A
Maximum
Surge Current
(8x20us)
Rated
Wattage
Energy
(10x1000us)
Capacitance
(Typical)
Certifications
Part Number
(VDC)
Tolerance
Vrms
(VAC)
(VDC)
(VDC)
1
Time
(A)
2
Times
(A)
(W)
(J)
@1kHz
(pF)
ROV10H180M
18
± 20%
11
14
36
1)
2.6
6500
ROV10H220L
22
± 15%
14
18
43
1)
3.2
5520
ROV10H270K
27
17
22
53
1)
3.9
4740
ROV10H330K
33
20
26
65
1)
4.8
4250
ROV10H390K
39
25
31
77
1)
5.6
3660
ROV10H470K
47
30
38
93
1)
6.8
3140
ROV10H560K
56
35
45
110
1)
8.1
2900
ROV10H680K
68
40
56
135
1)
1000
500
0.05
9.8
2230
ROV10H820K
82
50
65
135
14.0
1260
ROV10H101K
100
60
85
165
18.0
1020
ROV10H121K
120
75
100
200
22.0
950
ROV10H151K
150
95
125
250
25.0
730
ROV10H181K
180
115
150
300
32.0
480
ROV10H201K
200
130
170
340
35.0
400
♦ ●
ROV10H221K
220
140
180
360
39.0
390
♦ ●
ROV10H241K
240
150
200
395
42.0
330
♦ ●
ROV10H271K
270
175
225
455
49.0
330
♦ ●
ROV10H301K
300
195
250
505
52.0
280
♦ ●
ROV10H331K
330
210
275
550
58.0
280
♦ ●
ROV10H361K
360
230
300
595
65.0
230
♦ ●
ROV10H391K
390
250
320
650
70.0
250
♦ ●
ROV10H431K
430
275
350
710
80.0
220
♦ ●
ROV10H471K
470
300
385
775
85.0
210
♦ ●
ROV10H511K
510
320
418
842
92.0
190
♦ ●
ROV10H561K
560
350
460
920
102.0
190
♦ ●
ROV10H621K
620
385
505
1025
107.0
160
♦ ●
ROV10H681K
680
420
560
1120
112.0
160
♦ ●
ROV10H751K
750
460
615
1240
115.0
130
♦ ●
ROV10H781K
780
485
640
1290
116.0
120
♦ ●
ROV10H821K
820
510
670
1355
118.0
130
♦ ●
ROV10H911K
910
550
745
1500
127.0
110
♦ ●
ROV10H102K
1000
625
825
1650
140.0
95
♦ ●
ROV10H112K
1100
± 10%
680
895
1815
3500
2500
0.40
155.0
90
♦ ●
1) The clamping voltage for devices ROV10H180M to ROV10H680K is tested with 5A current.


Similar Part No. - ROV10H241L-AP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV10H241K MACOM-ROV10H241K Datasheet
540Kb / 10P
   Metal Oxide Varistors
More results

Similar Description - ROV10H241L-AP

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com