Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ROV05H220L Datasheet(PDF) 6 Page - Tyco Electronics

Part # ROV05H220L
Description  5mm Series Metal Oxide Varistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV05H220L Datasheet(HTML) 6 Page - Tyco Electronics

Back Button ROV05H220L Datasheet HTML 2Page - Tyco Electronics ROV05H220L Datasheet HTML 3Page - Tyco Electronics ROV05H220L Datasheet HTML 4Page - Tyco Electronics ROV05H220L Datasheet HTML 5Page - Tyco Electronics ROV05H220L Datasheet HTML 6Page - Tyco Electronics ROV05H220L Datasheet HTML 7Page - Tyco Electronics ROV05H220L Datasheet HTML 8Page - Tyco Electronics ROV05H220L Datasheet HTML 9Page - Tyco Electronics ROV05H220L Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ROV05, ROV05H
5mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.circuitprotection.com
Document: SCD 25480
Status: Released
Rev. C
May 18, 2005
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
6 of 10
© 2005 Tyco Electronics Corporation
PULSE LIFETIME RATING CURVES
V-I CHARACTERISTIC CURVES
HIGH SURGE SERIES
HIGH SURGE SERIES
ROV05H180M – ROV05H680K
ROV05H180M – ROV05H680K
10
10
10
10
10
10
10
10
10
10
10
10
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
500
400
300
200
150
100
90
80
70
60
50
40
30
20
15
10
9
8
7
6
5
20
100
1000
10000
0.1
1
1 P
ulse
2
10
10 2
10 3
10 4
10 5
10 6
RO
V05
H68
0K
RO
V05
560
K
H
RO
V05
470
K
H
RO
V05
390
K
H
RO
V05
330
K
H
RO
V05
270
K
H
RO
V05
220
L
H
RO
V05
180
M
H
ROV05 680K
H
ROV05H560K
ROV05H470K
ROV05H390K
ROV05H330K
ROV05H270K
ROV05H220L
ROV05H180M
TEST CURRENT WAVEFORM
10 ~10 A : DIRECT CURRENT
10 ~10 A :
-6
-3
-1
2
8 x 20 s
g
max leakage
current
max clamping
voltage
Rectangular Wave (µs)
Current (A)
ROV05H820K – ROV05H471K
ROV05H820K – ROV05H471K
10
10
10
10
10
10
10
10
10
10
10
10
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
3.000
2.000
1.000
900
800
700
600
500
400
300
200
150
100
90
80
70
60
50
40
30
20
200
2000
1
1 P
ulse
2
10
10 2
10 3
10 4
10 5
10 6
ROV05 431K
ROV05 391K
ROV05 361K
H
H
H
ROV05 201K
ROV05 221K
H
H
RO
V05
471
K
H
RO
V05
271
K
H
RO
V05
241
K
H
RO
V05
151
K
H
RO
V05
121
K
H
RO
V05
101
K
H
RO
V05
820
K
H
TEST CURRENT WAVEFORM
10 ~10 A : DIRECT CURRENT
10 ~10 A :
-6
-3
-1
3
8 x 20 s
g
max leakage
current
max clamping
voltage
ROV05 471K
H
ROV05H431K
ROV05H391K
ROV05H361K
ROV05H271K
ROV05H241K
ROV05H221K
ROV05H201K
ROV05H151K
ROV05H121K
ROV05H101K
ROV05H820K
Rectangular Wave (µs)
Current (A)
µs
µs


Similar Part No. - ROV05H220L

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV07 MACOM-ROV07 Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV07-101K MACOM-ROV07-101K Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV07-121K MACOM-ROV07-121K Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV07-151K MACOM-ROV07-151K Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV07-180M MACOM-ROV07-180M Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
More results

Similar Description - ROV05H220L

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com