Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ROV07-241M-AP Datasheet(PDF) 6 Page - Tyco Electronics

Part # ROV07-241M-AP
Description  7mm Series Metal Oxide Varistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV07-241M-AP Datasheet(HTML) 6 Page - Tyco Electronics

Back Button ROV07-241M-AP Datasheet HTML 2Page - Tyco Electronics ROV07-241M-AP Datasheet HTML 3Page - Tyco Electronics ROV07-241M-AP Datasheet HTML 4Page - Tyco Electronics ROV07-241M-AP Datasheet HTML 5Page - Tyco Electronics ROV07-241M-AP Datasheet HTML 6Page - Tyco Electronics ROV07-241M-AP Datasheet HTML 7Page - Tyco Electronics ROV07-241M-AP Datasheet HTML 8Page - Tyco Electronics ROV07-241M-AP Datasheet HTML 9Page - Tyco Electronics ROV07-241M-AP Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ROV07, ROV07H
7mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.tycopowercomponents.com
Document: SCD 25481
Status: Released
Rev. A June 30, 2003
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
6 of 10
PULSE LIFETIME RATING CURVES
V-I CHARACTERISTIC CURVES
HIGH SURGE SERIES
HIGH SURGE SERIES
ROV07H180M – ROV07H680K
ROV07H180M – ROV07H680K
10
10
10
10
10
10
10
10
10
10
10
10
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
500
400
300
200
150
100
90
80
70
60
50
40
30
20
15
10
9
8
7
6
5
20
100
1000
1000
0.1
1
1 Pu
lse
2
10
10 2
10 3
10 4
10 5
10 6
max leakage
current
max clamping
voltage
RO
V07
H68
0K
RO
V07
H56
0K
RO
V07
H47
0K
RO
V07
H39
0K
RO
V07
H33
0K
RO
V07
H27
0K
RO
V07
H22
0L
RO
V07
H18
0K
TEST CURRENT WAVEFORM
10 ~10 A : DIRECT CURRENT
10 ~10 A :
-6
-3
-1
3
8 x 20 s
g
ROV07H680K
ROV07H560K
ROV07H390K
ROV07H330K
ROV07H270K
ROV07H220L
ROV07H180M
Rectangular Wave (µs)
Current (A)
ROV07H820K – ROV07H821K
ROV07H820K – ROV07H821K
20
200
2000
10
3.000
2.000
1.000
900
800
700
600
500
400
300
200
150
100
90
80
70
60
50
40
30
10
10
10
10
10
10
10
10
10
10
10
10
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
1 P
ulse
2
10
10 2
10 3
10 4
10 5
10 6
max leakage
current
max clamping
voltage
TEST CURRENT WAVEFORM
10 ~10 A : DIRECT CURRENT
10 ~10 A :
-6
-3
-1
4
8 x 20 s
g
ROV07H471K
ROV07H431K
ROV07H391K
ROV07H361K
ROV07H271K
ROV07H221K
ROV07H201K
ROV07H151K
ROV07H121K
ROV07H101K
ROV07H820K
ROV07H431K
ROV07H391K
ROV07H361K
ROV07H221K
ROV07H201K
ROV
07H
471K
ROV
07H2
71K
ROV
07H2
41K
ROV
07H1
51K
ROV0
7H12
1K
ROV
07H1
01K
ROV0
7H82
0K
Rectangular Wave (µs)
Current (A)


Similar Part No. - ROV07-241M-AP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV07-241M-S MACOM-ROV07-241M-S Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV07-241M-S-2 MACOM-ROV07-241M-S-2 Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV07-241M-S-AP MACOM-ROV07-241M-S-AP Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
More results

Similar Description - ROV07-241M-AP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1624 MACOM-A1624 Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
A1624 MACOM-A1624 Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV07-471K-S MACOM-ROV07-471K-S Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com