Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEM4020APD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMEM4020APD
Description  PNP transistor/Schottky rectifier module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEM4020APD Datasheet(HTML) 5 Page - NXP Semiconductors

  PMEM4020APD Datasheet HTML 1Page - NXP Semiconductors PMEM4020APD Datasheet HTML 2Page - NXP Semiconductors PMEM4020APD Datasheet HTML 3Page - NXP Semiconductors PMEM4020APD Datasheet HTML 4Page - NXP Semiconductors PMEM4020APD Datasheet HTML 5Page - NXP Semiconductors PMEM4020APD Datasheet HTML 6Page - NXP Semiconductors PMEM4020APD Datasheet HTML 7Page - NXP Semiconductors PMEM4020APD Datasheet HTML 8Page - NXP Semiconductors PMEM4020APD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PMEM4020APD_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 31 August 2009
5 of 13
NXP Semiconductors
PMEM4020APD
PNP transistor/Schottky rectifier module
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02
Table 7.
Characteristics
Tamb = 25 °C unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
PNP transistor
ICBO
collector-base cut-off
current
VCB = −40 V; IE = 0 A
-
-
−100
nA
VCB = −40 V; IE = 0 A;
Tj = 150 °C
--
−50
µA
ICEO
collector-emitter
cut-off current
VCE = −30 V; IB = 0 A
-
-
−100
nA
IEBO
emitter-base cut-off
current
VEB = −5 V; IC = 0 A
-
-
−100
nA
hFE
DC current gain
VCE = −5 V; IC = −1 mA
300
-
-
VCE = −5 V; IC = −100 mA
300
-
-
VCE = −5 V; IC = −500 mA
250
-
900
VCE = −5 V; IC = −1 A
160
-
-
VCE = −5 V; IC = −2 A
[1] 50
-
-
VCEsat
collector-emitter
saturation voltage
IC = −100 mA; IB = −1 mA
-
-
−120
mV
IC = −500 mA; IB = −50 mA
-
-
−145
mV
IC = −1 A; IB = −100 mA
-
-
−260
mV
IC = −2 A; IB = −200 mA
-
-
−530
mV
RCEsat
equivalent
on-resistance
IC = −1 A; IB = −100 mA
[1] -
180
280
m
VBEsat
base-emitter
saturation voltage
IC = −1 A; IB = −100 mA
[1] --
−1.1
V
VBEon
base-emitter turn-on
voltage
VCE = −5 V; IC = −1 A
[1] --
−1.0
V
fT
transition frequency
VCE = −10 V; IC = −50 mA;
f = 100 MHz
150
-
-
MHz
Cc
collector capacitance
VCB = −10 V; IE = ie = 0 A;
f = 1 MHz
--10
pF
Schottky barrier rectifier
VF
continuous forward
voltage
see Figure 1
IF = 0.1 mA
[1] -
95
130
mV
IF = 1 mA
[1] -
155
210
mV
IF = 10 mA
[1] -
220
270
mV
IF = 100 mA
[1] -
295
350
mV
IF = 1000 mA
[1] -
540
640
mV
IR
reverse current
see Figure 2
VR = 10 V
[1] -7
20
µA
VR = 40 V
[1] -
30
100
µA
Cd
diode capacitance
VR = 1 V; f = 1 MHz;
see Figure 3
-
4348pF


Similar Part No. - PMEM4020APD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEM4020AND NXP-PMEM4020AND Datasheet
87Kb / 13P
   NPN transistor/Schottky rectifier module
Rev. 02-31 August 2009
More results

Similar Description - PMEM4020APD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEM1505PG PHILIPS-PMEM1505PG Datasheet
66Kb / 11P
   PNP transistor/Schottky rectifier module
Rev. 01-26 May 2004
PMEM1505PG NXP-PMEM1505PG Datasheet
79Kb / 11P
   PNP transistor/Schottky rectifier module
Rev. 02-31 August 2009
PMEM4010PD NXP-PMEM4010PD Datasheet
168Kb / 10P
   PNP transistor/Schottky diode module
2002 Oct 28
PZTM1102 PHILIPS-PZTM1102 Datasheet
64Kb / 7P
   PNP transistor/Schottky-diode module
1996 May 09
PMEM4020PD NXP-PMEM4020PD Datasheet
196Kb / 11P
   PNP transistor/Schottky-diode module
2003 Nov 24
PMEM4010PD PHILIPS-PMEM4010PD Datasheet
76Kb / 12P
   PNP transistor/Schottky diode module
2002 Oct 28
PMEM4020PD PHILIPS-PMEM4020PD Datasheet
76Kb / 11P
   PNP transistor/Schottky-diode module
2003 Nov 24
PMEM4020AND NXP-PMEM4020AND Datasheet
87Kb / 13P
   NPN transistor/Schottky rectifier module
Rev. 02-31 August 2009
PMEM1505NG NXP-PMEM1505NG Datasheet
79Kb / 11P
   NPN transistor/Schottky rectifier module
Rev. 02-31 August 2009
logo
GeneSiC Semiconductor, ...
MBR2X060A045 GENESIC-MBR2X060A045_18 Datasheet
650Kb / 3P
   Schottky Rectifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com