Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ROV11-241L-S-AP Datasheet(PDF) 8 Page - Tyco Electronics

Part # ROV11-241L-S-AP
Description  14mm Series Metal Oxide Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV11-241L-S-AP Datasheet(HTML) 8 Page - Tyco Electronics

Back Button ROV11-241L-S-AP Datasheet HTML 3Page - Tyco Electronics ROV11-241L-S-AP Datasheet HTML 4Page - Tyco Electronics ROV11-241L-S-AP Datasheet HTML 5Page - Tyco Electronics ROV11-241L-S-AP Datasheet HTML 6Page - Tyco Electronics ROV11-241L-S-AP Datasheet HTML 7Page - Tyco Electronics ROV11-241L-S-AP Datasheet HTML 8Page - Tyco Electronics ROV11-241L-S-AP Datasheet HTML 9Page - Tyco Electronics ROV11-241L-S-AP Datasheet HTML 10Page - Tyco Electronics ROV11-241L-S-AP Datasheet HTML 11Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ROV14, ROV14H, ROV14E
14mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.tycopowercomponents.com
Document: SCD 25483
Status: Released
Rev.: A June 30, 2003
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
8 of 11
DIMENSIONS
A max.
E
C max.
B
D
15 max.
A max.
E
C max.
F
B1
D
1
l
l
KINKED LEAD TYPE
STRAIGHT LEAD TYPE (-S)
Dimension Table
Table of C max., F, and B1 max.
A max.
16.5
l ± 0.05
0.8
E ± 1.0
7.5
B max.
22.0
D1 min.
25.0
D min.
24.0
Type No.
C max.
F±0.8
B1 max.
180M
5.0
0.9
19.5
220L
5.0
1.0
19.5
270K
5.2
1.1
19.5
330K
5.2
1.2
19.5
390K
5.2
1.4
19.5
470K
5.6
1.4
19.5
560K
5.6
1.6
19.5
680K
6.1
1.9
19.5
820K
4.4
1.0
19.5
101K
4.5
1.0
19.5
121K
4.6
1.1
19.5
151K
5.1
1.4
19.5
181K
4.7
1.2
19.5
201K
4.8
1.2
19.5
221K
4.9
1.3
19.5
241K
5.0
1.5
19.5
271K
5.2
1.5
19.5
301K
5.4
1.7
19.5
331K
5.5
1.7
19.5
361K
5.7
2.1
19.5
391K
5.9
2.2
20.0
431K
6.7
2.5
20.0
471K
7.0
2.7
20.0
511K
7.2
3.1
20.5
561K
7.5
3.4
20.5
621K
7.8
3.8
20.5
681K
8.2
4.1
20.5
751K
8.6
4.3
20.5
781K
8.8
4.6
20.5
821K
9.0
4.6
20.5
911K
9.6
5.4
20.5
102K
10.1
5.6
20.5
112K
10.7
6.1
20.5
182K
12.8
10.2
22.5


Similar Part No. - ROV11-241L-S-AP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV10 MACOM-ROV10 Datasheet
540Kb / 10P
   Metal Oxide Varistors Overvoltage Protection Device
ROV10-101K MACOM-ROV10-101K Datasheet
540Kb / 10P
   Metal Oxide Varistors
ROV10-102K MACOM-ROV10-102K Datasheet
540Kb / 10P
   Metal Oxide Varistors Overvoltage Protection Device
ROV10-102K MACOM-ROV10-102K Datasheet
540Kb / 10P
   Metal Oxide Varistors
ROV10-112K MACOM-ROV10-112K Datasheet
540Kb / 10P
   Metal Oxide Varistors
More results

Similar Description - ROV11-241L-S-AP

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV14H561K MACOM-ROV14H561K Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
ROV14-241K-S-2 MACOM-ROV14-241K-S-2 Datasheet
607Kb / 11P
   14mm Series Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com