Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG3010BEV Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PMEG3010BEV
Description  1 A very low VF MEGA Schottky barrier rectifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG3010BEV Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PMEG3010BEV Datasheet HTML 3Page - NXP Semiconductors PMEG3010BEV Datasheet HTML 4Page - NXP Semiconductors PMEG3010BEV Datasheet HTML 5Page - NXP Semiconductors PMEG3010BEV Datasheet HTML 6Page - NXP Semiconductors PMEG3010BEV Datasheet HTML 7Page - NXP Semiconductors PMEG3010BEV Datasheet HTML 8Page - NXP Semiconductors PMEG3010BEV Datasheet HTML 9Page - NXP Semiconductors PMEG3010BEV Datasheet HTML 10Page - NXP Semiconductors PMEG3010BEV Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
2004 Jun 14
8
NXP Semiconductors
Product data sheet
1 A very low VF MEGA Schottky
barrier rectifier
PMEGXX10BEA;
PMEGXX10BEV
PACKAGE OUTLINES
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOD323
SC-76
SOD323
03-12-17
06-03-16
Note
1. The marking bar indicates the cathode
UNIT
A
mm
0.05
1.1
0.8
0.40
0.25
0.25
0.10
1.8
1.6
1.35
1.15
2.7
2.3
0.45
0.15
A1
max
DIMENSIONS (mm are the original dimensions)
Plastic surface-mounted package; 2 leads
01
(1)
2
1
2 mm
scale
bp
c
D
E
HD
Q
0.25
0.15
Lp
v
0.2
A
D
A
E
Lp
bp
detail X
A1
c
Q
HD
vA
M
X


Similar Part No. - PMEG3010BEV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3010BEV PHILIPS-PMEG3010BEV Datasheet
85Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifier
2004 Jun 14
logo
Nexperia B.V. All right...
PMEG3010BEV NEXPERIA-PMEG3010BEV Datasheet
186Kb / 8P
   1 A very low VF MEGA Schottky barrier rectifier
4 January 2023
PMEG3010BEV NEXPERIA-PMEG3010BEV Datasheet
164Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifier
2004 Jun 14
More results

Similar Description - PMEG3010BEV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2010AEK NXP-PMEG2010AEK Datasheet
66Kb / 9P
   1 A very low VF MEGA Schottky barrier rectifier
Rev. 01-30 March 2007
logo
Nexperia B.V. All right...
PMEG2010BEV NEXPERIA-PMEG2010BEV Datasheet
187Kb / 8P
   1 A very low VF MEGA Schottky barrier rectifier
4 January 2023
PMEG2010BEA NEXPERIA-PMEG2010BEA Datasheet
198Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifier
15 July 2020
PMEG4010BEA-Q NEXPERIA-PMEG4010BEA-Q Datasheet
195Kb / 9P
   1 A very low VF MEGA Schottky barrier rectifier
15 September 2021
PMEG4010ET-Q NEXPERIA-PMEG4010ET-Q Datasheet
198Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifier
25 October 2021
PMEG3010BEV NEXPERIA-PMEG3010BEV Datasheet
186Kb / 8P
   1 A very low VF MEGA Schottky barrier rectifier
4 January 2023
PMEGXX10BEA NEXPERIA-PMEGXX10BEA Datasheet
164Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifier
2004 Jun 14
logo
NXP Semiconductors
PMEG3010BEA PHILIPS-PMEG3010BEA Datasheet
85Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifier
2004 Jun 14
PMEG3010EB NXP-PMEG3010EB Datasheet
64Kb / 9P
   1 A very low VF MEGA Schottky barrier rectifier
Rev. 01-1 December 2006
PMEG3010EB PHILIPS-PMEG3010EB_15 Datasheet
166Kb / 9P
   1 A very low VF MEGA Schottky barrier rectifier
Rev. 2-15 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com