Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVB170SA Datasheet(PDF) 7 Page - Tyco Electronics

Part # TVB170SA
Description  SiBar Thyristor Surge Protectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TVB170SA Datasheet(HTML) 7 Page - Tyco Electronics

Back Button TVB170SA Datasheet HTML 3Page - Tyco Electronics TVB170SA Datasheet HTML 4Page - Tyco Electronics TVB170SA Datasheet HTML 5Page - Tyco Electronics TVB170SA Datasheet HTML 6Page - Tyco Electronics TVB170SA Datasheet HTML 7Page - Tyco Electronics TVB170SA Datasheet HTML 8Page - Tyco Electronics TVB170SA Datasheet HTML 9Page - Tyco Electronics TVB170SA Datasheet HTML 10Page - Tyco Electronics TVB170SA Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SiBar Thyristor
4
Raychem Circuit Protection
SiBar Thyristor Surge Protectors
345
Figures V2–V5. Typical Electrical Characteristics vs. Temperature
-50
-25
0
25
50
75
100
125
150
115%
120%
110%
105%
100%
95%
85%
90%
Temperature (
°C)
Figure V2. Off-state Voltage vs. Temperature
-50
-25
0
25
50
75
100
125
150
200%
180%
160%
140%
120%
100%
80%
60%
40%
20%
Temperature (
°C)
Hold current vs. temperature
Figure V4. Hold Current vs. Temperature
-50
-25
0
25
50
75
100
125
150
115%
110%
105%
100%
95%
90%
Temperature (
°C)
Figure V3. Breakover Voltage vs. Temperature
0.001
-25
0
25
50
75
100
125
150
Temperature (
°C)
0.01
0.1
1
10
100
Figure V5. Off-state Current vs. Temperature


Similar Part No. - TVB170SA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TVB170SA MACOM-TVB170SA Datasheet
27Kb / 2P
   PolySwitch SiBar Thyristor Surge Protectors
TVB170SA MACOM-TVB170SA Datasheet
71Kb / 2P
   Thyristor Surge Protectors
TVB170SA-L MACOM-TVB170SA-L Datasheet
300Kb / 5P
   SiBar Thyristor Surge Protectors
TVB170SA MACOM-TVB170SA_04 Datasheet
71Kb / 2P
   Thyristor Surge Protectors
More results

Similar Description - TVB170SA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TVA065RSA-L MACOM-TVA065RSA-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
TVB058NSB-L MACOM-TVB058NSB-L Datasheet
257Kb / 5P
   SiBar Thyristor Surge Protectors
TVA170NSA-L MACOM-TVA170NSA-L Datasheet
299Kb / 5P
   SiBar Thyristor Surge Protectors
TVB058NSC-L MACOM-TVB058NSC-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
TVA170SA-L MACOM-TVA170SA-L Datasheet
300Kb / 5P
   SiBar Thyristor Surge Protectors
TVB058SA-L MACOM-TVB058SA-L Datasheet
300Kb / 5P
   SiBar Thyristor Surge Protectors
TVB200SB-L MACOM-TVB200SB-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
TVB058NSA-L MACOM-TVB058NSA-L Datasheet
301Kb / 5P
   SiBar Thyristor Surge Protectors
TVB006RSC-L MACOM-TVB006RSC-L Datasheet
415Kb / 5P
   SiBar Thyristor Surge Protectors
TVB170SC MACOM-TVB170SC Datasheet
27Kb / 2P
   PolySwitch SiBar Thyristor Surge Protectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com