Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ROV07H241L-2 Datasheet(PDF) 5 Page - Tyco Electronics

Part # ROV07H241L-2
Description  7mm Series Metal Oxide Varistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV07H241L-2 Datasheet(HTML) 5 Page - Tyco Electronics

  ROV07H241L-2 Datasheet HTML 1Page - Tyco Electronics ROV07H241L-2 Datasheet HTML 2Page - Tyco Electronics ROV07H241L-2 Datasheet HTML 3Page - Tyco Electronics ROV07H241L-2 Datasheet HTML 4Page - Tyco Electronics ROV07H241L-2 Datasheet HTML 5Page - Tyco Electronics ROV07H241L-2 Datasheet HTML 6Page - Tyco Electronics ROV07H241L-2 Datasheet HTML 7Page - Tyco Electronics ROV07H241L-2 Datasheet HTML 8Page - Tyco Electronics ROV07H241L-2 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ROV07, ROV07H
7mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.tycopowercomponents.com
Document: SCD 25481
Status: Released
Rev. A June 30, 2003
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
5 of 10
DEVICE RATINGS AND CHARACTERISTICS
HIGH SURGE SERIES
Varistor Voltage
V@1.0mA
Maximum
Allowable
Voltage
Maximum
Clamping
Voltage
V@10A
Maximum
Surge Current
(8x20us)
Rated
Wattage
Energy
(10x1000us)
Capacitance
(Typical)
Certifications
Part Number
(VDC)
Tolerance
Vrms
(VAC)
(VDC)
(VDC)
1
Time
(A)
2
Times
(A)
(W)
(J)
@1kHz
(pF)
ROV07H180M
18
± 20%
11
14
36
1)
1.5
2920
ROV07H220L
22
± 15%
14
18
43
1)
1.7
2930
ROV07H270K
27
17
22
53
1)
2.1
2340
ROV07H330K
33
20
26
65
1)
2.8
1840
ROV07H390K
39
25
31
77
1)
3.0
1820
ROV07H470K
47
30
38
93
1)
3.8
1600
ROV07H560K
56
35
45
110
1)
4.4
1330
ROV07H680K
68
40
56
135
1)
500
250
0.02
5.4
1120
ROV07H820K
82
50
65
135
7.0
640
ROV07H101K
100
60
85
165
9.0
540
ROV07H121K
120
75
100
200
11.0
460
ROV07H151K
150
95
125
250
13.0
370
ROV07H181K
180
115
150
300
16.0
220
ROV07H201K
200
130
170
340
17.5
220
♦ ●
ROV07H221K
220
140
180
360
19.0
190
♦ ●
ROV07H241K
240
150
200
395
21.0
190
♦ ●
ROV07H271K
270
175
225
455
24.0
160
♦ ●
ROV07H301K
300
195
250
505
26.0
140
♦ ●
ROV07H331K
330
210
275
550
28.0
140
♦ ●
ROV07H361K
360
230
300
595
32.0
120
♦ ●
ROV07H391K
390
250
320
650
35.0
110
♦ ●
ROV07H431K
430
275
350
710
40.0
110
♦ ●
ROV07H471K
470
300
385
775
42.0
100
♦ ●
ROV07H511K
510
320
418
842
45.0
100
♦ ●
ROV07H561K
560
350
460
920
51.0
85
♦ ●
ROV07H621K
620
385
505
1025
54.0
80
♦ ●
ROV07H681K
680
420
560
1120
56.0
80
♦ ●
ROV07H751K
750
460
615
1240
58.0
75
♦ ●
ROV07H781K
780
485
640
1290
59.0
70
♦ ●
ROV07H821K
820
± 10%
510
670
1355
1750
1250
0.25
60.0
70
♦ ●
1).
The clamping voltage for devices ROV07H180M to ROV07H680K is tested with 2.5A current.


Similar Part No. - ROV07H241L-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV07H241K MACOM-ROV07H241K Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
More results

Similar Description - ROV07H241L-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1624 MACOM-A1624 Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
A1624 MACOM-A1624 Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
ROV07-471K-S MACOM-ROV07-471K-S Datasheet
420Kb / 10P
   7mm Series Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com