Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ROV05-241K-2 Datasheet(PDF) 7 Page - Tyco Electronics

Part No. ROV05-241K-2
Description  5mm Series Metal Oxide Varistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV05-241K-2 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button ROV05-241K-2 Datasheet HTML 2Page - Tyco Electronics ROV05-241K-2 Datasheet HTML 3Page - Tyco Electronics ROV05-241K-2 Datasheet HTML 4Page - Tyco Electronics ROV05-241K-2 Datasheet HTML 5Page - Tyco Electronics ROV05-241K-2 Datasheet HTML 6Page - Tyco Electronics ROV05-241K-2 Datasheet HTML 7Page - Tyco Electronics ROV05-241K-2 Datasheet HTML 8Page - Tyco Electronics ROV05-241K-2 Datasheet HTML 9Page - Tyco Electronics ROV05-241K-2 Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ROV05, ROV05H
5mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.circuitprotection.com
Document: SCD 25480
Status: Released
Rev. C
May 18, 2005
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
7 of 10
© 2005 Tyco Electronics Corporation
DIMENSIONS
A
E
C
B
D
15
A
E
C
F
B1
D1
λ
λ
KINKED LEAD TYPE
STRAIGHT LEAD TYPE (-S)
Dimension Table
Table of C max., F, and B1 max.
PACKAGING
Type
No.
C max.
F±0.8
B1 max.
180M
4.5
0.8
10.5
220L
4.5
0.9
10.5
270K
4.7
0.9
10.5
330K
4.7
1.0
10.5
390K
4.7
1.2
10.5
470K
5.0
1.2
10.5
560K
5.0
1.4
10.5
680K
5.5
1.7
10.5
820K
3.8
0.8
10.5
101K
3.9
0.8
10.5
121K
4.1
0.9
10.5
151K
4.5
1.2
10.5
181K
4.1
1.0
10.5
201K
4.2
1.0
10.5
221K
4.3
1.1
10.5
241K
4.4
1.1
10.5
271K
4.6
1.3
10.5
301K
4.8
1.3
10.5
331K
4.9
1.3
10.5
361K
5.1
1.8
10.5
391K
5.3
2.0
11.0
431K
6.1
2.1
11.0
471K
6.4
2.2
11.0
511K
6.6
2.5
11.5
561K
6.9
2.8
11.5
621K
7.2
3.1
11.5
681K
7.5
3.4
11.5
751K
7.9
3.7
11.5
A max.
7.5
λ ± 0.05
0.6
E ± 1.0
5.0
B max.
11.0
D1 min.
25.0
D min.
24.0


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn