Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG4030ER Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMEG4030ER
Description  3 A low VF MEGA Schottky barrier rectifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG4030ER Datasheet(HTML) 2 Page - NXP Semiconductors

  PMEG4030ER Datasheet HTML 1Page - NXP Semiconductors PMEG4030ER Datasheet HTML 2Page - NXP Semiconductors PMEG4030ER Datasheet HTML 3Page - NXP Semiconductors PMEG4030ER Datasheet HTML 4Page - NXP Semiconductors PMEG4030ER Datasheet HTML 5Page - NXP Semiconductors PMEG4030ER Datasheet HTML 6Page - NXP Semiconductors PMEG4030ER Datasheet HTML 7Page - NXP Semiconductors PMEG4030ER Datasheet HTML 8Page - NXP Semiconductors PMEG4030ER Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PMEG4030ER_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 11 August 2009
2 of 13
NXP Semiconductors
PMEG4030ER
3 A low VF MEGA Schottky barrier rectifier
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
4.
Marking
5.
Limiting values
Table 2.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode
[1]
2
anode
2
1
sym001
12
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PMEG4030ER
-
plastic surface-mounted package; 2 leads
SOD123W
Table 4.
Marking codes
Type number
Marking code
PMEG4030ER
BF
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
Tj =25 °C
-
40
V
IF(AV)
average forward current
square wave;
δ = 0.5;
f=20kHz
Tamb ≤ 40 °C
[1] -3
A
Tsp ≤ 130 °C-
3
A
IFSM
non-repetitive peak
forward current
square wave;
tp =8ms
[2] -50
A
Ptot
total power dissipation
Tamb ≤ 25 °C
[3][4] -
0.57
W
[3][5] -
0.95
W
[3][1] -
1.8
W


Similar Part No. - PMEG4030ER

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4030ER PHILIPS-PMEG4030ER Datasheet
101Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-11 August 2009
logo
Nexperia B.V. All right...
PMEG4030ER NEXPERIA-PMEG4030ER Datasheet
262Kb / 13P
   40 V, 3 A low VF Schottky barrier rectifier
23 January 2023
PMEG4030ER-Q NEXPERIA-PMEG4030ER-Q Datasheet
261Kb / 13P
   40 V, 3 A low VF Schottky barrier rectifier
16 November 2022
More results

Similar Description - PMEG4030ER

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4030EP NXP-PMEG4030EP Datasheet
100Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-7 August 2009
PMEG4030ER PHILIPS-PMEG4030ER Datasheet
101Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-11 August 2009
PMEG6030EP PHILIPS-PMEG6030EP Datasheet
268Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-21 January 2010
PMEG4030EP,115 NXP-PMEG4030EP,115 Datasheet
100Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-7 August 2009
logo
Nexperia B.V. All right...
PMEG3030EP-Q NEXPERIA-PMEG3030EP-Q Datasheet
258Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
8 June 2021
logo
NXP Semiconductors
PMEG3030BEP PHILIPS-PMEG3030BEP Datasheet
100Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-27 October 2009
PMEG3030EP NXP-PMEG3030EP Datasheet
162Kb / 13P
   3 A low VF MEGA Schottky barrier rectifier
Rev. 01-9 December 2009
logo
Nexperia B.V. All right...
PMEG4030ETP NEXPERIA-PMEG4030ETP Datasheet
234Kb / 13P
   40 V, 3 A low VF MEGA Schottky barrier rectifier
PMEG050V030EPD NEXPERIA-PMEG050V030EPD Datasheet
706Kb / 13P
   50 V, 3 A low VF MEGA Schottky barrier rectifier
PMEG060V030EPD NEXPERIA-PMEG060V030EPD Datasheet
708Kb / 13P
   60 V, 3 A low VF MEGA Schottky barrier rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com