Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD0603-140 Datasheet(PDF) 6 Page - Tyco Electronics

Part # PESD0603-140
Description  ESD Protector Overvoltage Protection Device
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PESD0603-140 Datasheet(HTML) 6 Page - Tyco Electronics

  PESD0603-140_07 Datasheet HTML 1Page - Tyco Electronics PESD0603-140_07 Datasheet HTML 2Page - Tyco Electronics PESD0603-140_07 Datasheet HTML 3Page - Tyco Electronics PESD0603-140_07 Datasheet HTML 4Page - Tyco Electronics PESD0603-140_07 Datasheet HTML 5Page - Tyco Electronics PESD0603-140_07 Datasheet HTML 6Page - Tyco Electronics PESD0603-140_07 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
308 Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
www.circuitprotection.com
ESD Protector
Overvoltage Protection Device
Raychem Circuit Protection Products
PRODUCT: PESD0603-140
DOCUMENT: SCD 26107
REV LETTER: K
REV DATE: DECEMBER 7, 2007
PAGE NO.: 6 OF 7
PACKAGING
Packaging
Tape & Reel
Standard Box
PESD0603-140
5,000
25,000
EIA referenced Reel Dimensions for PESD Devices
Reel Dimensions (mm):
Carrier Dimensions (mm):
Product Orientation
– always face up (meaning the substrate is at the bottom), but parts do not have
polarity mark.
Leader & Trailer:
The leader is 180mm in length & consists of empty cavities with sealed cover tape.
The trailer is 350mm in length & consists of empty cavities with sealed cover tape.
A
B
C
D
E
F
G
0603 Devices
178.0 ±2.0
2.0 ±0.5
13.0±0.5
21.0±0.8
62.0±1.5
9.0±0.5
13.0±1.0
A
B
C
D
E
F
L
W
T
1
0603 Devices
8.0±0.3
3.5±0.05
1.75±0.1
2.0±0.05
4.0±0.1
1.5±0.1
1.9±0.2
1.1±0.20
0.60±0.05


Similar Part No. - PESD0603-140_07

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PESD0603-140 MACOM-PESD0603-140 Datasheet
132Kb / 5P
   Raychem Overvoltage Devices
More results

Similar Description - PESD0603-140_07

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PESD1206Q-140 MACOM-PESD1206Q-140 Datasheet
176Kb / 6P
   ESD Protector Overvoltage Protection Device
SESD0402S-005-054 MACOM-SESD0402S-005-054 Datasheet
215Kb / 5P
   ESD Protector Overvoltage Protection Device
SESD0201C-006-058 MACOM-SESD0201C-006-058 Datasheet
230Kb / 5P
   ESD Protector Overvoltage Protection Device
PESD0402-060 MACOM-PESD0402-060 Datasheet
164Kb / 8P
   ESD Protector Overvoltage Protection Device
SESD0201C-120-058 MACOM-SESD0201C-120-058 Datasheet
206Kb / 4P
   ESD Protector Overvoltage Protection Device
logo
STMicroelectronics
STBP110 STMICROELECTRONICS-STBP110 Datasheet
751Kb / 40P
   Overvoltage protection device
June 2012 Rev 3
STBP112 STMICROELECTRONICS-STBP112 Datasheet
818Kb / 38P
   Overvoltage protection device
AN3050 STMICROELECTRONICS-AN3050 Datasheet
908Kb / 18P
   STBP120 overvoltage protection device
logo
Infineon Technologies A...
TLE8110EE INFINEON-TLE8110EE_13 Datasheet
2Mb / 74P
   Overvoltage, Overtemperature, ESD -Protection
logo
Bourns Electronic Solut...
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com