Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YEV09T03 Datasheet(PDF) 7 Page - Power-One

Part # YEV09T03
Description  3A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

YEV09T03 Datasheet(HTML) 7 Page - Power-One

Back Button YEV09T03 Datasheet HTML 2Page - Power-One YEV09T03 Datasheet HTML 3Page - Power-One YEV09T03 Datasheet HTML 4Page - Power-One YEV09T03 Datasheet HTML 5Page - Power-One YEV09T03 Datasheet HTML 6Page - Power-One YEV09T03 Datasheet HTML 7Page - Power-One YEV09T03 Datasheet HTML 8Page - Power-One YEV09T03 Datasheet HTML 9Page - Power-One YEV09T03 Datasheet HTML 10Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
YEV09T03 3A DC-DC POL Converter
4.5V to 13.8V Input 0.59V to 5.1V Output
Data Sheet
ZD-01968 Rev 1.1, 25-Mar-09
www.power-one.com
Page 7 of 10
Figure 10.
Transient Response to Dynamic Load Change
from 40% to 80% of full load (Vin=12V,
Vo=2.5Vdc). Ch3 – Iout. Scale=0.2A/mVΩ
Figure 11.
Transient Response to Dynamic Load Change
from 40% to 80% of full load (Vin=12V,
Vo=3.3Vdc). Ch3 – Iout. Scale=0.2A/mVΩ
6.
Application Information
6.1
Input and Output Impedance
The POL converter should be connected to the DC
power source via low impedance.
In many
applications, the inductance associated with the
distribution from the power source to the input of the
converter can affect the stability of the converter.
Internally, the converter includes 4.7μF (low ESR
ceramics) of input capacitance which eliminates the
need for external input capacitance. However, if the
distribution of the input voltage to the POL converter
contains high inductance, it is recommended to add
a 100μF decoupling capacitor placed as close as
possible to the converter input pins.
A low-ESR
tantalum or POS capacitor connected across the
input pins help ensuring stability of the POL
converter and reduce input ripple voltage.
A 22μF ceramic output capacitor is recommended to
improve output ripple and dynamic response.
It is important to keep low resistance and low
inductance of PCB traces for connecting load to the
output pins of the converter in order to maintain good
load regulation.
6.2
Output Voltage Programming
The output voltage can be programmed from 0.59V
to 5.1V by connecting an external resistor RTRIM
between TRIM pin (Pin 5) and GND pin (Pin 3), as
shown in Figure 12.
Figure 12. Programming Output Voltage With A Resistor
The trim resistor RTRIM for a desired output voltage
can be calculated using the following equation:
,
591
.
0
182
.
1
OUT
TRIM
V
R
kΩ
VIN
GND
ON/OFF
VOUT
3
2
4
1
TRIM
5
Rload
RTRIM
YEV09T03


Similar Part No. - YEV09T03

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
YEV09T03 BEL-YEV09T03 Datasheet
574Kb / 10P
   High efficiency synchronous buck topology
More results

Similar Description - YEV09T03

ManufacturerPart #DatasheetDescription
logo
Power-One
YEV09T10 POWER-ONE-YEV09T10 Datasheet
270Kb / 12P
   10A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
YEV09T06 POWER-ONE-YEV09T06 Datasheet
305Kb / 12P
   6A DC-DC POL Converter 4.5V to 13.8V Input 0.59V to 5.1V Output
logo
Monolithic Power System...
EV1593DN-00A MPS-EV1593DN-00A Datasheet
257Kb / 5P
   4.75V to 28V Input, Up to 3A Output Step-Down DC/DC Converter
logo
Maxim Integrated Produc...
MAX17524 MAXIM-MAX17524 Datasheet
798Kb / 24P
   4.5V to 60V, 3A, Dual-Output, High-Efficiency,Synchronous Step-Down DC-DC Converter
Rev 0; 12/17
logo
Galaxy Power, Inc.
GLDW34V03 GALAXY-GLDW34V03 Datasheet
346Kb / 6P
   High-efficiency DC/DC Converter 48V Input, 18V to 34VDC Output, 3A Output
logo
Power-One
ZY7010L POWER-ONE-ZY7010L Datasheet
1Mb / 34P
   10A DC-DC Intelligent POL 3V to 13.2V Input 0.5V to 5.5V Output
logo
Maxim Integrated Produc...
MAX17686 MAXIM-MAX17686 Datasheet
866Kb / 19P
   4.5V to 60V Input, High-Efficiency, Iso-Buck DC-DC Converter
Rev 1; 4/19
logo
Power-One
ZY7007 POWER-ONE-ZY7007 Datasheet
1Mb / 35P
   7A DC-DC Intelligent POL 3V to 14V Input - 0.5V to 5.5V Output
logo
Texas Instruments
TPS54335 TI1-TPS54335 Datasheet
1Mb / 37P
[Old version datasheet]   4.5V to 28V Input, 3A Output, Synchronous Step Down SWIFT??Converter
logo
Maxim Integrated Produc...
MAX17524 MAXIM-MAX17524_V01 Datasheet
1Mb / 25P
   4.5V to 60V, Dual 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com