Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG3005EL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMEG3005EL
Description  0.5 A very low VF MEGA Schottky barrier rectifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG3005EL Datasheet(HTML) 2 Page - NXP Semiconductors

  PMEG3005EL Datasheet HTML 1Page - NXP Semiconductors PMEG3005EL Datasheet HTML 2Page - NXP Semiconductors PMEG3005EL Datasheet HTML 3Page - NXP Semiconductors PMEG3005EL Datasheet HTML 4Page - NXP Semiconductors PMEG3005EL Datasheet HTML 5Page - NXP Semiconductors PMEG3005EL Datasheet HTML 6Page - NXP Semiconductors PMEG3005EL Datasheet HTML 7Page - NXP Semiconductors PMEG3005EL Datasheet HTML 8Page - NXP Semiconductors PMEG3005EL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PMEG3005EB_PMEG3005EL_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 29 November 2006
2 of 10
NXP Semiconductors
PMEG3005EB; PMEG3005EL
0.5 A very low VF MEGA Schottky barrier rectifiers
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
4.
Marking
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
SOD523
1
cathode
[1]
2
anode
SOD882
1
cathode
[1]
2
anode
2
1
sym001
12
2
1
Transparent
top view
sym001
12
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PMEG3005EB
SC-79
plastic surface-mounted package; 2 leads
SOD523
PMEG3005EL
-
leadless ultra small plastic package; 2 terminals;
body 1.0
× 0.6 × 0.5 mm
SOD882
Table 5.
Marking codes
Type number
Marking code
PMEG3005EB
KB
PMEG3005EL
AM


Similar Part No. - PMEG3005EL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG3005EL NEXPERIA-PMEG3005EL Datasheet
185Kb / 8P
   0.5 A very low VF MEGA Schottky barrier rectifier
7 April 2021
logo
NXP Semiconductors
PMEG3005ELD NXP-PMEG3005ELD Datasheet
775Kb / 14P
   0.5 A low VF MEGA Schottky barrier rectifier
Rev. 1-12 April 2011
logo
Nexperia B.V. All right...
PMEG3005ELD NEXPERIA-PMEG3005ELD Datasheet
1Mb / 14P
   0.5 A low VF MEGA Schottky barrier rectifier
Rev. 1 - 12 April 2011
logo
NXP Semiconductors
PMEG3005ELD PHILIPS-PMEG3005ELD_15 Datasheet
775Kb / 14P
   0.5 A low VF MEGA Schottky barrier rectifier
Rev. 1-12 April 2011
logo
Nexperia B.V. All right...
PMEG3005ELS NEXPERIA-PMEG3005ELS Datasheet
202Kb / 9P
   30 V, 0.5 A very low VF Schottky barrier rectifier
21 April 2022
More results

Similar Description - PMEG3005EL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEGXX05EH PHILIPS-PMEGXX05EH Datasheet
77Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-12 April 2005
PMEGXX05EH NXP-PMEGXX05EH Datasheet
139Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-13 January 2010
PMEG3005EB PHILIPS-PMEG3005EB_15 Datasheet
71Kb / 10P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-29 November 2006
logo
Nexperia B.V. All right...
PMEGXX05EH NEXPERIA-PMEGXX05EH Datasheet
710Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 02 - 13 January 2010
PMEG3005EB NEXPERIA-PMEG3005EB Datasheet
182Kb / 8P
   0.5 A very low VF MEGA Schottky barrier rectifier
7 April 2021
PMEG3005EL NEXPERIA-PMEG3005EL Datasheet
185Kb / 8P
   0.5 A very low VF MEGA Schottky barrier rectifier
7 April 2021
PMEGXX05ET_SER NEXPERIA-PMEGXX05ET_SER Datasheet
720Kb / 12P
   0.5 A very low VF MEGA Schottky barrier rectifiers in SOT23 package
Rev. 02 - 13 January 2010
logo
NXP Semiconductors
PMEG2005ET NXP-PMEG2005ET_10 Datasheet
131Kb / 12P
   0.5 A very low VF MEGA Schottky barrier rectifiers in SOT23 package
Rev. 02-13 January 2010
PMEG2005AEV PHILIPS-PMEG2005AEV Datasheet
71Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
PMEG2005AEA PHILIPS-PMEG2005AEA_15 Datasheet
311Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com