Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T520A476M2R5AE090 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T520A476M2R5AE090
Description  CONDUCTIVE POLYMER CHIP CAPACITORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T520A476M2R5AE090 Datasheet(HTML) 1 Page - Kemet Corporation

  T520A476M2R5AE090 Datasheet HTML 1Page - Kemet Corporation T520A476M2R5AE090 Datasheet HTML 2Page - Kemet Corporation T520A476M2R5AE090 Datasheet HTML 3Page - Kemet Corporation T520A476M2R5AE090 Datasheet HTML 4Page - Kemet Corporation T520A476M2R5AE090 Datasheet HTML 5Page - Kemet Corporation T520A476M2R5AE090 Datasheet HTML 6Page - Kemet Corporation T520A476M2R5AE090 Datasheet HTML 7Page - Kemet Corporation T520A476M2R5AE090 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CONDUCTIVE POLYMER CHIP CAPACITORS
T520 Series - KO Cap
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
OUTLINE DRAWING
FEATURES
Polymer Cathode Technology
Use Up to 80% of Rated Voltage (20% Derating)
Low ESR
for part types > 10 Volts
High Frequency Cap Retention
Capacitance 15 to 1000μF (±20%)
No-Ignition Failure Mode
Voltage 2V to 25V
Use Up to 90% of Rated Voltage (10% Derating) EIA Standard Case Sizes
for part types
≤ 10 Volts
100% Surge Current Tested
Halogen Free Epoxy
Operating Temperature -55ºC to +105ºC
100% Accelerated Steady State Aging
Self Healing Mechanism
Volumetrically Efficient
RoHS Compiant & Leadfree Terminations (see
www.kemet.com for lead transition)
DIMENSIONS - MILLIMETERS
T520 ORDERING INFORMATION
T 520
Capacitance Picofarad Code
Case Size
A, T, B, C, V, W, D, Y, X
Tantalum
Series
T520 - Low ESR Polymer
V 157 M 006
Capacitance Tolerance
M = ± 20%
Lead Material
Failure Rate
A - Not Applicable
Voltage
H - Tin/Lead (SnPb 5% Pb minimum)
T - 100% Tin (Sn) Plated
E015
ESR
A
T
*See www.kemet.com for Pb Free transition information.
First two digits represent significant figures.
Third digit specifies number of zeros to follow.
50
KEMET
Organic
157
6K
512
KO
Rated
Voltage
Polarity (+)
Indicator
Picofarad
Code
KEMET ID
PWC
512 = 12th week of 2005
COMPONENT MARKING
W
K
X
CATHODE (-) END
VIEW
SIDE VIEW
ANODE (+) END
VIEW
T
G
S
S
B
B
H
H
BOTTOM VIEW
E
F
A
L
Termination
cutout at
KEMET’s
Option,
either end
R
P
Note: 006 = 6.3 volts
Case Size
KEMET EIA
L
W
H
F ± 0.1
S ± 0.3
X(Ref)
T(Ref)
A(Min) G(ref)
E(ref)
A
3216-18 3.2 ± 0.2 1.6 ± 0 2
1.6 ± 0.2
1.2
0 8
0.10 ± 0.10
0.13
0.8
1.1
1.3
T
3528-12 3.5 ± 0.2 2.8 ± 0 2
1.2 max
2.2
0 8
0.05
0.13
1.1
1.8
2.2
M
3528-15 3.5 ± 0.2 2.8 ± 0 2
1.5 max
2.2
0 8
0.11
0.13
2.1
1.8
2.2
B
3528-21 3.5 ± 0.2 2.8 ± 0 2
1.9 ± 0.1
2.2
0 8
0.10 ± 0.10
0.13
1.1
1.8
2.2
U
6032-15 6.0 ± 0.3 3.2 ± 0 3
1.5 max
2.2
1 3
0.05
0.13
3.1
2.8
2.4
L
6032-19 6.0 ± 0.3 3.2 ± 0 3
1.9 max
2.2
1 3
0.10 ± 0.10
0.13
2.5
2.8
2.4
C
6032-28 6.0 ± 0.3 3.2 ± 0 3
2.5 ± 0.3
2.2
1 3
0.10 ± 0.10
0.13
2.5
2.8
2.4
W
7343-15 7.3 ± 0.3 4.3 ± 0 3
1.5 max
2.4
1 3
0.05
0.13
3.8
3.5
3.5
V
7343-20 7.3 ± 0.3 4.3 ± 0 3
1.9 max
2.4
1 3
0.05
0.13
3.8
3.5
3.5
D
7343-31 7.3 ± 0.3 4.3 ± 0 3
2.8 ± 0.3
2.4
1 3
0.10 ± 0.10
0.13
3.8
3.5
3.5
Y
7343-40 7.3 ± 0.3 4.3 ± 0 3
4.0 max
2.4
1 3
0.10 ± 0.10
0.13
3.8
3.5
3.5
X
7343-43 7.3 ± 0.3 4.3 ± 0 3
4.0 ± 0.3
2.4
1 3
0.10 ± 0.10
0.13
3.8
3.5
3.5


Similar Part No. - T520A476M2R5AE090

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520A476M2R5AE090 KEMET-T520A476M2R5AE090 Datasheet
1Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
More results

Similar Description - T520A476M2R5AE090

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T520 KEMET-T520 Datasheet
741Kb / 7P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T525 KEMET-T525 Datasheet
565Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
T525 KEMET-T525_1 Datasheet
698Kb / 5P
   CONDUCTIVE POLYMER CHIP CAPACITORS
logo
AVX Corporation
TCQB476M006R0070 AVX-TCQB476M006R0070 Datasheet
176Kb / 3P
   Automotive Conductive Polymer Chip Capacitors
logo
Rohm
TCO_B ROHM-TCO_B_12 Datasheet
133Kb / 7P
   Conductive polymer chip capacitors(Standard)
logo
AVX Corporation
TCQ AVX-TCQ Datasheet
494Kb / 4P
   Automotive Conductive Polymer Chip Capacitors
TCJ AVX-TCJ Datasheet
1Mb / 11P
   Conductive Polymer Solid Electrolytic Chip Capacitors
logo
MERITEK ELECTRONICS COR...
PEVA MERITEK-PEVA Datasheet
805Kb / 2P
   Conductive Polymer Aluminum Solid Capacitors (V Chip)
logo
AVX Corporation
TCM AVX-TCM Datasheet
610Kb / 4P
   Conductive Polymer Solid Electrolytic Chip Multianode Capacitors
logo
MERITEK ELECTRONICS COR...
PEV5 MERITEK-PEV5 Datasheet
972Kb / 5P
   Conductive Polymer Aluminum Solid Capacitors (V Chip)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com