Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA116AIPW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PGA116AIPW
Description  Zer첩-Drift PROGRAMMABLE GAIN AMPLIFIER with MUX
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PGA116AIPW Datasheet(HTML) 2 Page - Texas Instruments

  PGA116AIPW Datasheet HTML 1Page - Texas Instruments PGA116AIPW Datasheet HTML 2Page - Texas Instruments PGA116AIPW Datasheet HTML 3Page - Texas Instruments PGA116AIPW Datasheet HTML 4Page - Texas Instruments PGA116AIPW Datasheet HTML 5Page - Texas Instruments PGA116AIPW Datasheet HTML 6Page - Texas Instruments PGA116AIPW Datasheet HTML 7Page - Texas Instruments PGA116AIPW Datasheet HTML 8Page - Texas Instruments PGA116AIPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
PGA112
,, PGA113
PGA116, PGA117
SBOS424B – MARCH 2008 – REVISED SEPTEMBER 2008 ............................................................................................................................................ www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE AND MODEL COMPARISON
SHUTDOWN
# OF MUX
GAINS
SPI
DEVICE
INPUTS
(Eight Each)
DAISY-CHAIN
HARDWARE
SOFTWARE
PACKAGE
PGA112
Two
Binary
No
No
ü
MSOP-10
PGA113
Two
Scope
No
No
ü
MSOP-10
PGA116
10
Binary
ü
ü
ü
TSSOP-20
PGA117
10
Scope
ü
ü
ü
TSSOP-20
ORDERING INFORMATION(1)
DESCRIPTION
PACKAGE
PACKAGE
PRODUCT
(Gains/Channels)
PACKAGE-LEAD
DESIGNATOR
MARKING
PGA112
Binary(2)/2 Channels
MSOP-10
DGS
P112
PGA113
Scope(3)/2 Channels
MSOP-10
DGS
P113
PGA116
Binary(2)/10 Channels
TSSOP-20
PW
PGA116
PGA117
Scope(3)/10 Channels
TSSOP-20
PW
PGA117
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Binary gains: 1, 2, 4, 8, 16, 32, 64, and 128.
(3)
Scope gains: 1, 2, 5, 10, 20, 50, 100, and 200.
Over operating free-air temperature range, unless otherwise noted.
PGA112, PGA113, PGA116, PGA117
UNIT
Supply Voltage
+7
V
Signal Input Terminals, Voltage(2)
GND – 0.5 to (AVDD) + 0.5
V
Signal Input Terminals, Current(2)
±10
mA
Output Short-Circuit
Continuous
Operating Temperature
–40 to +125
°C
Storage Temperature
–65 to +150
°C
Junction Temperature
+150
°C
Human Body Model (HBM)
3000
V
ESD Ratings:
Charged Device Model (CDM)
1000
V
Machine Model (MM)
300
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5V beyond the supply rails should
be current limited to 10mA or less.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PGA112 PGA113 PGA116 PGA117


Similar Part No. - PGA116AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA116AIPW TI-PGA116AIPW Datasheet
1Mb / 40P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
PGA116AIPW TI-PGA116AIPW Datasheet
1Mb / 47P
[Old version datasheet]   Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
PGA116AIPWR TI-PGA116AIPWR Datasheet
1Mb / 40P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
PGA116AIPWR TI-PGA116AIPWR Datasheet
1Mb / 47P
[Old version datasheet]   Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
More results

Similar Description - PGA116AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA112_0809 TI-PGA112_0809 Datasheet
1Mb / 47P
[Old version datasheet]   Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
PGA280 TI-PGA280_15 Datasheet
1Mb / 46P
[Old version datasheet]   Zer첩-Drift, High-Voltage,Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LTC6915 LINER-LTC6915 Datasheet
289Kb / 16P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Texas Instruments
PGA112 TI-PGA112 Datasheet
833Kb / 38P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
PGA112 TI-PGA112_08 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
PGA280 TI-PGA280 Datasheet
900Kb / 45P
[Old version datasheet]   Zero-Drift High-Voltage Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
ADA4255 AD-ADA4255 Datasheet
4Mb / 64P
   Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
logo
Texas Instruments
PGA281 TI-PGA281 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, Zero-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
INA333-Q1 TI1-INA333-Q1 Datasheet
546Kb / 26P
[Old version datasheet]   INA333-Q1 Automotive, Zer첩-Drift, micro-Power, Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com