Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1740210-6 Datasheet(PDF) 23 Page - Tyco Electronics

Part # 1740210-6
Description  SOLARLOK Photovoltaic Interconnection System
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1740210-6 Datasheet(HTML) 23 Page - Tyco Electronics

Back Button 1740210-6 Datasheet HTML 19Page - Tyco Electronics 1740210-6 Datasheet HTML 20Page - Tyco Electronics 1740210-6 Datasheet HTML 21Page - Tyco Electronics 1740210-6 Datasheet HTML 22Page - Tyco Electronics 1740210-6 Datasheet HTML 23Page - Tyco Electronics 1740210-6 Datasheet HTML 24Page - Tyco Electronics 1740210-6 Datasheet HTML 25Page - Tyco Electronics 1740210-6 Datasheet HTML 26Page - Tyco Electronics 1740210-6 Datasheet HTML 27Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Solar Cable, 1-Pole
SOLARLOK Photovoltaic Interconnection System
Catalog 889753-3
Revised 9-2009
All dimensions are in millimeters unless otherwise specified. All specifications subject to change.
Consult Tyco Electronics for latest specifications.
21
Solar Cable, 1-Pole
I TÜV approved
(2Pfg1169/08.2007)
I UL approved
(Subject 4703)
TÜV Approved (ZKLA)
Part Number
Outer Diameter
(mm)
± Toleranz
Cable Cross Section
(mm2)
(AWG)
Color
Package Quantity
(m)
0-956297-4
2.5
14
6.65
+0.15/–0.10
Black
500
1-956297-4
2.5
14
6.65
+0.15/–0.10
Black
100
0-956297-5
2.5
14
6.65
+0.15/–0.10
Red
500
1-956297-5
2.5
14
6.65
+0.15/–0.10
Red
100
0-956297-6
2.5
14
6.65
+0.15/–0.10
Blue
500
1-956297-6
2.5
14
6.65
+0.15/–0.10
Blue
100
0-956298-4
4.0
12
6.90
+0.10/–0.10
Black
500
1-956298-4
4.0
12
6.90
+0.10/–0.10
Black
100
0-956298-5
4.0
12
6.90
+0.10/–0.10
Red
500
1-956298-5
4.0
12
6.90
+0.10/–0.10
Red
100
0-956298-6
4.0
12
6.90
+0.10/–0.10
Blue
500
1-956298-6
4.0
12
6.90
+0.10/–0.10
Blue
100
0-956299-4
6.0
10
7.35
+0.30/–0.25
Black
500
1-956299-4
6.0
10
7.35
+0.30/–0.25
Black
100
0-956299-5
6.0
10
7.35
+0.30/–0.25
Red
500
1-956299-5
6.0
10
7.35
+0.30/–0.25
Red
100
0-956299-6
6.0
10
7.35
+0.30/–0.25
Blue
500
1-956299-6
6.0
10
7.35
+0.30/–0.25
Blue
100
UL Approved (only USE-2)
Part Number
Cable Cross Section
(AWG)
Outer Diameter
(Inch)
Color
Package Quantity
(Feet)
1986166-1
14
0.17
Black
7,500
1986166-2
14
0.17
Black
7,500
1986166-3
14
0.17
Black
2,500
1986165-1
12
0.19
Black
6,000
1986165-2
12
0.19
Black
7,500
1986165-3
12
0.19
Black
1,600
1986164-1
10
0.21
Black
5,500
1986164-2
10
0.21
Black
7,500
1986164-3
10
0.21
Black
1,000
For other Cross Sections (1.5 mm2 to 400 mm2) as well as technical data please contact us.


Similar Part No. - 1740210-6

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1740217 PHOENIX-1740217 Datasheet
40Kb / 2P
   Printed-circuit board connector - MSTBVA 2,5/14-G-5,08 BK
More results

Similar Description - 1740210-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
   STEP-Z Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
logo
List of Unclassifed Man...
SMS9H1 ETC2-SMS9H1 Datasheet
508Kb / 8P
   TRIM TRIO INTERCONNECTION SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com