Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1740210-5 Datasheet(PDF) 35 Page - Tyco Electronics

Part # 1740210-5
Description  SOLARLOK Photovoltaic Interconnection System
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1740210-5 Datasheet(HTML) 35 Page - Tyco Electronics

Back Button 1740210-5 Datasheet HTML 31Page - Tyco Electronics 1740210-5 Datasheet HTML 32Page - Tyco Electronics 1740210-5 Datasheet HTML 33Page - Tyco Electronics 1740210-5 Datasheet HTML 34Page - Tyco Electronics 1740210-5 Datasheet HTML 35Page - Tyco Electronics 1740210-5 Datasheet HTML 36Page - Tyco Electronics 1740210-5 Datasheet HTML 37Page - Tyco Electronics 1740210-5 Datasheet HTML 38Page - Tyco Electronics 1740210-5 Datasheet HTML 39Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
Technical Data (Junction Box and One Pole Plug Connectors)
SOLARLOK Photovoltaic Interconnection System
Catalog 889753-3
Revised 9-2009
All dimensions are in millimeters unless otherwise specified. All specifications subject to change.
Consult Tyco Electronics for latest specifications.
33
Materials
Socket and Pin Contacts:
CuZn
Housing:
PPO, weatherproof against UV radiation and ozone
Color
Connector, Junction Box:
Black
Electrical Features
Withstanding Voltage:
1000 V DC
Current Rating:
up to 25 A
Contact Resistance:
5 m
Contact Resistance (typical):
1 m
Protection Class:
II
Mechanical Features
Junction Boxes
Dimensions:
Depending on junction box type
Temperature Range:
–40 °C to +105 °C
Wire Size Range:
up to AWG 12
Protection Degree:
IP 65, closed
Connector
Dimensions:
Diameter 18 mm, (diameter 0.71 inch)
Temperature Range:
–40 °C to +105 °C
Wire Size Range:
AWG 14, AWG 12, AWG 10 stranded wire
Protection Degree:
IP 67, mated
Contact Finish:
silver plated,
Mating Cycles:
50, silver plated
Unmating Force:
30 – 40 Newton
Additional Features:
Coded housing ensures mating safety
Contact voltage-proof
Connector with crimp technology
Standards
IEC 61215 Edition 2, 61646, IEC 61730,
Protection Class II, UL 1703
Subject to Change.


Similar Part No. - 1740210-5

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1740217 PHOENIX-1740217 Datasheet
40Kb / 2P
   Printed-circuit board connector - MSTBVA 2,5/14-G-5,08 BK
More results

Similar Description - 1740210-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
   STEP-Z Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
logo
List of Unclassifed Man...
SMS9H1 ETC2-SMS9H1 Datasheet
508Kb / 8P
   TRIM TRIO INTERCONNECTION SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com