Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA113AIDGSRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # PGA113AIDGSRG4
Description  Zer첩-Drift PROGRAMMABLE GAIN AMPLIFIER with MUX
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PGA113AIDGSRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PGA113AIDGSRG4 Datasheet HTML 6Page - Texas Instruments PGA113AIDGSRG4 Datasheet HTML 7Page - Texas Instruments PGA113AIDGSRG4 Datasheet HTML 8Page - Texas Instruments PGA113AIDGSRG4 Datasheet HTML 9Page - Texas Instruments PGA113AIDGSRG4 Datasheet HTML 10Page - Texas Instruments PGA113AIDGSRG4 Datasheet HTML 11Page - Texas Instruments PGA113AIDGSRG4 Datasheet HTML 12Page - Texas Instruments PGA113AIDGSRG4 Datasheet HTML 13Page - Texas Instruments PGA113AIDGSRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
TYPICAL APPLICATION CIRCUITS
10kW
ADC
G=1
R
F
R
I
Output
Stage
SPI
Interface
SCLK
DIO
CS
7
V
OUT
5
DV
DD
10
AV
DD
1
GND
6
V
REF
4
3
8
9
MSP430
Microcontroller
+3V
+5V
V
REF
PGA112
PGA113
V
/CH0
CAL
2
CH1
CAL3
CAL4
CAL1
CAL2
0.1V
CAL
0.9V
CAL
10kW
80kW
MUX
CAL2/3
C
0.1 F
BYPASS
m
C
0.1 F
BYPASS
m
C
0.1 F
BYPASS
m
10kW
G=1
R
F
R
I
Output
Stage
SPI
Interface
SCLK
ENABLE
DIN
CS
15
V
OUT
9
DV
DD
19
AV
DD
1
GND
14
V
REF
8
13
16
18
DOUT
17
+5V
V
REF
PGA116
PGA117
CH8
12
CH9
CH7
11
CH6
10
CH5
20
CH4
2
CH3
3
CH2
4
CH1
5
7
V
/CH0
CAL
6
CAL3
CAL4
CAL1
CAL2
0.1V
CAL
0.9V
CAL
10kW
80kW
MUX
CAL2/3
C
0.1 F
BYPASS
m
ADC
MSP430
Microcontroller
+3V
C
0.1 F
BYPASS
m
C
0.1 F
BYPASS
m
PGA112
,, PGA113
PGA116, PGA117
SBOS424B – MARCH 2008 – REVISED SEPTEMBER 2008 ............................................................................................................................................ www.ti.com
Figure 4. PGA112, PGA113 (MSOP-10)
Figure 5. PGA116, PGA117 (TSSOP-20)
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PGA112 PGA113 PGA116 PGA117


Similar Part No. - PGA113AIDGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA113AIDGSRG4 TI-PGA113AIDGSRG4 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
PGA113AIDGSRG4 TI-PGA113AIDGSRG4 Datasheet
1Mb / 47P
[Old version datasheet]   Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
More results

Similar Description - PGA113AIDGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA112_0809 TI-PGA112_0809 Datasheet
1Mb / 47P
[Old version datasheet]   Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
PGA280 TI-PGA280_15 Datasheet
1Mb / 46P
[Old version datasheet]   Zer첩-Drift, High-Voltage,Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LTC6915 LINER-LTC6915 Datasheet
289Kb / 16P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Texas Instruments
PGA112 TI-PGA112 Datasheet
833Kb / 38P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
PGA112 TI-PGA112_08 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
PGA280 TI-PGA280 Datasheet
900Kb / 45P
[Old version datasheet]   Zero-Drift High-Voltage Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
ADA4255 AD-ADA4255 Datasheet
4Mb / 64P
   Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
logo
Texas Instruments
PGA281 TI-PGA281 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, Zero-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
INA333-Q1 TI1-INA333-Q1 Datasheet
546Kb / 26P
[Old version datasheet]   INA333-Q1 Automotive, Zer첩-Drift, micro-Power, Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com