Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZXM61P02F Datasheet(PDF) 6 Page - Zetex Semiconductors

Part No. ZXM61P02F
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

ZXM61P02F Datasheet(HTML) 6 Page - Zetex Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
0.1
10
100
0
3
-VDS - Drain Source Voltage (V)
Capacitance v Drain-Source Voltage
0
200
350
ID=-0.61A
5
0
Q -Charge (nC)
Gate-Source Voltage v Gate Charge
VDS=-16V
Coss
Crss
Vgs=0V
f=1MHz
1
Ciss
300
250
150
100
50
0.5
1
1.5
2
2.5
1
2
3
4
TYPICAL CHARACTERISTICS
Basic Gate Charge Waveform
Gate Charge Test Circuit
Switching Time Waveforms
Switching Time Test Circuit
ZXM61P02F
78
PROVISIONAL ISSUE A - JULY 1999


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AF2301P20V P-Channel Enhancement Mode MOSFET 1 2 3 4 Anachip Corp
TSM230120V P-Channel Enhancement Mode MOSFET 1 2 3 4 5 Taiwan Semiconductor Company, Ltd
TSM231120V P-Channel Enhancement Mode MOSFET 1 2 3 Taiwan Semiconductor Company, Ltd
ZXM62P02E620V P-CHANNEL ENHANCEMENT MODE MOSFET 1 2 3 4 5 MoreZetex Semiconductors
TSM283120V P-Channel Enhancement Mode MOSFET 1 2 3 4 5 Taiwan Semiconductor Company, Ltd
ZXM64P02X20V P-CHANNEL ENHANCEMENT MODE MOSFET 1 2 3 4 5 MoreZetex Semiconductors
ZXM66P02N820V P-CHANNEL ENHANCEMENT MODE MOSFET 1 2 3 4 Zetex Semiconductors
ZXMD63C02X20V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET 1 2 3 4 5 MoreZetex Semiconductors
ZXMD63P02XDUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET 1 2 3 4 5 MoreZetex Semiconductors
ZXMD65P02N8DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET 1 2 3 4 Zetex Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn