Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZXM61P02F Datasheet(PDF) 5 Page - Zetex Semiconductors

Part No. ZXM61P02F
Description  20V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

ZXM61P02F Datasheet(HTML) 5 Page - Zetex Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ZXM61P02F
77
0.1
1
100
1.5
2.5
0.1
1
10
0.2
0.8
1.4
+200
+100
-100
0.1
10
100
-VDS - Drain-Source Voltage (V)
Output Characteristics
100m
1
10
-VGS
3V
VDS=-10V
10
1
10m
-VGS - Gate-Source Voltage (V)
Typical Transfer Characteristics
10
1
100m
-ID - Drain Current (A)
On-Resistance v Drain Current
10
1
100m
-VDS - Drain-Source Voltage (V)
Output Characteristics
1.7
1.1
0.5
Tj - Junction Temperature (°C)
Normalised RDS(on) and VGS(th)
v Temperature
10
1
10m
-VSD - Source-Drain Voltage (V)
Source-Drain Diode Forward Voltage
T=+150°C
T=+25°C
T=+150°C
VGS=-4.5V
T=+25°C
RDS(on)
ID=-0.61A
VGS=VDS
ID=-250uA
VGS(th)
0.4
0.6
1.0
1.2
100m
Vg=-2.5V
Vg=-4.5V
1.5
1.3
0.9
0.7
0
3.5
4.5
100m
10
3.5V
2.5V
2V
5V
4.5V 4V
2V
2.5V
3V
3.5V
-VGS
4V
4.5V
5V
+150°C
+25°C
TYPICAL CHARACTERISTICS
PROVISIONAL ISSUE A - JULY 1999


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AF2301P20V P-Channel Enhancement Mode MOSFET 1 2 3 4 Anachip Corp
TSM230120V P-Channel Enhancement Mode MOSFET 1 2 3 4 5 Taiwan Semiconductor Company, Ltd
TSM231120V P-Channel Enhancement Mode MOSFET 1 2 3 Taiwan Semiconductor Company, Ltd
ZXM62P02E620V P-CHANNEL ENHANCEMENT MODE MOSFET 1 2 3 4 5 MoreZetex Semiconductors
TSM283120V P-Channel Enhancement Mode MOSFET 1 2 3 4 5 Taiwan Semiconductor Company, Ltd
ZXM64P02X20V P-CHANNEL ENHANCEMENT MODE MOSFET 1 2 3 4 5 MoreZetex Semiconductors
ZXM66P02N820V P-CHANNEL ENHANCEMENT MODE MOSFET 1 2 3 4 Zetex Semiconductors
ZXMD63C02X20V DUAL N AND P-CHANNEL ENHANCEMENT MODE MOSFET 1 2 3 4 5 MoreZetex Semiconductors
ZXMD63P02XDUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET 1 2 3 4 5 MoreZetex Semiconductors
ZXMD65P02N8DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET 1 2 3 4 Zetex Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn