Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG2005EL Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMEG2005EL
Description  20 V, 0.5 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG2005EL Datasheet(HTML) 4 Page - NXP Semiconductors

  PMEG2005EL Datasheet HTML 1Page - NXP Semiconductors PMEG2005EL Datasheet HTML 2Page - NXP Semiconductors PMEG2005EL Datasheet HTML 3Page - NXP Semiconductors PMEG2005EL Datasheet HTML 4Page - NXP Semiconductors PMEG2005EL Datasheet HTML 5Page - NXP Semiconductors PMEG2005EL Datasheet HTML 6Page - NXP Semiconductors PMEG2005EL Datasheet HTML 7Page - NXP Semiconductors PMEG2005EL Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PMEG2005EL_2
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 15 January 2010
4 of 8
NXP Semiconductors
PMEG2005EL
20 V, 0.5 A very low VF MEGA Schottky rectifier
(1) Tj = 150 °C
(2) Tj = 125 °C
(3) Tj =85 °C
(4) Tj =25 °C
(1) Tj = 150 °C
(2) Tj = 125 °C
(3) Tj =85 °C
(4) Tj =25 °C
Fig 1.
Forward current as a function of forward
voltage; typical values
Fig 2.
Reverse current as a function of reverse
voltage; typical values
f=1MHz; Tamb =25 °C
Fig 3.
Diode capacitance as a function of reverse voltage; typical values
001aaa333
1
10
102
103
IF
(mA)
10−1
VF (V)
0
0.5
0.4
0.2
0.3
0.1
(1)
(2)
(3)
(4)
001aaa334
10−1
10−2
10
1
102
IR
(mA)
10−3
VR (V)
020
15
510
(1)
(2)
(3)
(4)
VR (V)
020
15
510
001aaa335
25
15
35
45
Cd
(pF)
0


Similar Part No. - PMEG2005EL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2005EL PHILIPS-PMEG2005EL Datasheet
44Kb / 8P
   20 V, 0.5 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 01-11 February 2004
logo
Nexperia B.V. All right...
PMEG2005EL NEXPERIA-PMEG2005EL Datasheet
636Kb / 8P
   20 V, 0.5 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 02 - 15 January 2010
logo
NXP Semiconductors
PMEG2005ELD NXP-PMEG2005ELD Datasheet
793Kb / 14P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier Low reverse current
Rev. 1-4 May 2011
logo
Nexperia B.V. All right...
PMEG2005ELD NEXPERIA-PMEG2005ELD Datasheet
1Mb / 14P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 1 - 4 May 2011
logo
NXP Semiconductors
PMEG2005ELD PHILIPS-PMEG2005ELD_15 Datasheet
793Kb / 14P
   20 V, 0.5 A low VF MEGA Schottky barrier rectifier
Rev. 1-4 May 2011
More results

Similar Description - PMEG2005EL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2005EL PHILIPS-PMEG2005EL Datasheet
44Kb / 8P
   20 V, 0.5 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 01-11 February 2004
logo
Nexperia B.V. All right...
PMEG2005EL NEXPERIA-PMEG2005EL Datasheet
636Kb / 8P
   20 V, 0.5 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 02 - 15 January 2010
logo
NXP Semiconductors
PMEG2005EL PHILIPS-PMEG2005EL_15 Datasheet
101Kb / 8P
   20 V, 0.5 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 02-15 January 2010
PMEG2005AEL PHILIPS-PMEG2005AEL_15 Datasheet
100Kb / 8P
   0.5 A ultra low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 03-15 January 2010
PMEG2005AEL NXP-PMEG2005AEL Datasheet
100Kb / 8P
   0.5 A ultra low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 03-15 January 2010
PMEG2005AEL PHILIPS-PMEG2005AEL Datasheet
43Kb / 8P
   0.5 A ultra low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 02-27 April 2004
logo
Nexperia B.V. All right...
PMEG2005AEL NEXPERIA-PMEG2005AEL Datasheet
636Kb / 8P
   0.5 A ultra low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 03 - 15 January 2010
logo
NXP Semiconductors
PMEG3002AEL PHILIPS-PMEG3002AEL Datasheet
45Kb / 8P
   30 V, 0.2 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 01-24 February 2004
logo
Nexperia B.V. All right...
PMEG3002AEL NEXPERIA-PMEG3002AEL Datasheet
637Kb / 8P
   30 V, 0.2 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 02 - 15 January 2010
logo
NXP Semiconductors
PMEG3002AEL NXP-PMEG3002AEL Datasheet
101Kb / 8P
   30 V, 0.2 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 02-15 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com