Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX1230 Datasheet(PDF) 40 Page - Semtech Corporation

Part # SX1230
Description  Integrated Transmitter IC Narrow/wideband 315 MHz, 434 MHz 868 MHz and 915 MHz band Transmitter
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1230 Datasheet(HTML) 40 Page - Semtech Corporation

Back Button SX1230 Datasheet HTML 36Page - Semtech Corporation SX1230 Datasheet HTML 37Page - Semtech Corporation SX1230 Datasheet HTML 38Page - Semtech Corporation SX1230 Datasheet HTML 39Page - Semtech Corporation SX1230 Datasheet HTML 40Page - Semtech Corporation SX1230 Datasheet HTML 41Page - Semtech Corporation SX1230 Datasheet HTML 42Page - Semtech Corporation SX1230 Datasheet HTML 43Page - Semtech Corporation SX1230 Datasheet HTML 44Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
SX1230, Revision 2 May 2009
©2008 Semtech Corp.
SX1230
www.semtech.com
Page 40
Integrated Transmitter IC
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
9.4. SX1230 Baseband Filtering
The following figure illustrates the effect of applying the baseband gaussian filtering to the modulating bitstream of the
SX1230. This measurement was performed in the 868 MHz ISM band with the following settings: PPGM = 17 dBm, fRF =
868 MHz,
Df = 50 kHz and Rb = 50 kbps (implies b=2). Here we see the occupied bandwidth reduced from 500 kHz for the
unfiltered bit stream to 330 kHz with a filtering coefficient (BT) of 1. By increasing the filtering strength further to BT=0.3,
the channel bandwidth for operation in the 868 MHz ISM band is reduced to below 200 kHz.
Figure 31. The Influence of Gaussian Filtering on the Modulation Bandwidth (Wideband)
9.5. Adjacent Channel Power
Modulation spectrum of the SX1230 measured in 100 Hz bandwidth is shown in the following three figures together with
the integrated adjacent channel power for the modulation settings shown in the figure caption. Please note that all
measurements were performed at 868 MHz, with an output power of 13 dBm. Please also note that the clock output was
disabled.
-70
-60
-50
-40
-30
-20
-10
0
10
-500
-400
-300
-200
-100
0
100
200
300
400
500
Offset from Centre Frequency (kHz)
No Filtering
'BT = 1
'BT = 0.3
ETSI Limit


Similar Part No. - SX1230

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1230-12SKA SEMTECH-SX1230-12SKA Datasheet
2Mb / 43P
   Advanced Mode
More results

Similar Description - SX1230

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1240 SEMTECH-SX1240 Datasheet
548Kb / 20P
   Low Cost Integrated Transmitter IC 434 MHz and 868 MHz Band RF Transmitter
logo
ams AG
ASCELL3911 AMSCO-ASCELL3911 Datasheet
104Kb / 13P
   ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
ASCELL3912 AMSCO-ASCELL3912 Datasheet
122Kb / 14P
   ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
logo
List of Unclassifed Man...
RFM60 ETC2-RFM60 Datasheet
291Kb / 9P
   MCU with 315/433/868/915 MHz ISM Band Transmitter Module
logo
Infineon Technologies A...
TDA5100A INFINEON-TDA5100A Datasheet
936Kb / 29P
   ASK Transmitter 434 MHz
Version 1.0 March 2001
PMA51XX INFINEON-PMA51XX Datasheet
5Mb / 202P
   RF Transmitter ASK/FSK 315/434/868/915 MHz, Embedded 8051 Microcontroller, 10-bit ADC
Revision 2.1, 2010-06-02
TDA5102 INFINEON-TDA5102 Datasheet
1Mb / 35P
   ASK/FSK Transmitter 915 MHz
Version 1.1 October 2001
logo
List of Unclassifed Man...
NRF902 ETC1-NRF902 Datasheet
160Kb / 13P
   Single chip 868 MHz Transmitter
logo
Infineon Technologies A...
TDA5101A INFINEON-TDA5101A Datasheet
260Kb / 21P
   ASK Transmitter 315 MHz
V 0.2 May 1999
logo
Semtech Corporation
XE1202A SEMTECH-XE1202A Datasheet
436Kb / 32P
   433 MHz / 868 MHz / 915 MHz Low-Power, Integrated UHF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com