Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPP30-4815SW Datasheet(PDF) 4 Page - Recom International Power

Part # RPP30-4815SW
Description  30 Watt Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPP30-4815SW Datasheet(HTML) 4 Page - Recom International Power

  RPP30-4815SW Datasheet HTML 1Page - Recom International Power RPP30-4815SW Datasheet HTML 2Page - Recom International Power RPP30-4815SW Datasheet HTML 3Page - Recom International Power RPP30-4815SW Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PP-16
www.recom-electronic.com
REV:1/2009
POWERLINE+
DC/DC-Converter
RPP30-S_DW
Series
Package Style and Pinning (mm)
3
1
2
5
4
45.70
50.80
dia.
1.0
10.20
10.20
7.6
Bottom View
6
30.5
5.1
11.70
5.10
10.20
3.3
Standoff
= 1.3
3rd angle
projection
Pin Pitch Tolerance ±0.35 mm
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
-Vout
Com
5
Trim
-Vout
6
CTRL
CTRL
Trim Up
10k
W
Trimpot
Trim Down
10k
W
Trimpot
10k
W
Trimpot
Trim
+Vout
-Vout
Trim
+Vout
-Vout
External Output Trimming
RPP30-4805SW
Typical Characteristics
92
83
82
Input Voltage (V)
36
84
85
86
87
88
89
91
90
40
52
60
48
64
56
68
Efficiency VS Input Voltage
72


Similar Part No. - RPP30-4815SW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPP30-4815SW RECOM-RPP30-4815SW Datasheet
127Kb / 6P
   30 Watt 4:1 Single Dual Output
More results

Similar Description - RPP30-4815SW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
   30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
   30 Watt Single/Dual Output
REV.: 0/2023
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
   30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RP30-121.5SE RECOM-RP30-121.5SE_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
REC30-242.5SRWZ RECOM-REC30-242.5SRWZ Datasheet
78Kb / 2P
   30 Watt Single & Dual Output
RP30-F RECOM-RP30-F Datasheet
562Kb / 8P
   30 Watt Single & Dual Output
REC30-243.4SZ RECOM-REC30-243.4SZ Datasheet
332Kb / 7P
   30 Watt Single and Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com