Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC6-xx12DRWR Datasheet(PDF) 3 Page - Recom International Power

Part # REC6-xx12DRWR
Description  6 Watt DIP24 Reinforced Single & Dual Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC6-xx12DRWR Datasheet(HTML) 3 Page - Recom International Power

  REC6-xx12DRWR Datasheet HTML 1Page - Recom International Power REC6-xx12DRWR Datasheet HTML 2Page - Recom International Power REC6-xx12DRWR Datasheet HTML 3Page - Recom International Power REC6-xx12DRWR Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.recom-international.com
E-113
REV:0/2010
ECONOLINE
DC/DC-Converter
Typical Characteristics
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
4824
1224,
2424
0524
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
4805
2405
1205
0505
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
0512
1212,
2412
4812
REC6-xx05SRW/R*
REC6-xx05DRW/R*
Efficiency vs Load
nom
min
Efficiency VS Input Voltage
max
max+20%
70
72
74
76
78
80
82
84
86
88
90
Input Voltage (V)
4824
1224
0524
2424
nom
min
Efficiency VS Input Voltage
max
max+20%
70
72
74
76
78
80
82
84
86
88
90
Input Voltage (V)
4805
2405
1205
0505
nom
min
Efficiency VS Input Voltage
max
max+20%
70
72
74
76
78
80
82
84
86
88
90
Input Voltage (V)
4812
2412
0512
1212
Efficiency vs Vin
REC6-S_DRW
/R* Series
REC6-xx12SRW/R*
REC6-xx24SRW/R*
REC6-xx12DRW/R*


Similar Part No. - REC6-xx12DRWR

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC6-0505DRW RECOM-REC6-0505DRW Datasheet
114Kb / 4P
   6 Watt DIP24 Reinforced Single & Dual Output
REC6-0505SRW RECOM-REC6-0505SRW Datasheet
114Kb / 4P
   6 Watt DIP24 Reinforced Single & Dual Output
REC6-0509DRW RECOM-REC6-0509DRW Datasheet
114Kb / 4P
   6 Watt DIP24 Reinforced Single & Dual Output
REC6-0509SRW RECOM-REC6-0509SRW Datasheet
114Kb / 4P
   6 Watt DIP24 Reinforced Single & Dual Output
REC6-0512DRW RECOM-REC6-0512DRW Datasheet
114Kb / 4P
   6 Watt DIP24 Reinforced Single & Dual Output
More results

Similar Description - REC6-xx12DRWR

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC6-R RECOM-REC6-R Datasheet
114Kb / 4P
   6 Watt DIP24 Reinforced Single & Dual Output
REC3.5 RECOM-REC3.5 Datasheet
115Kb / 4P
   3.5 Watt DIP24 Reinforced Single & Dual Output
REC3.5-R RECOM-REC3.5-R Datasheet
115Kb / 4P
   3.5 Watt DIP24 Reinforced Single & Dual Output
RP06-RAW RECOM-RP06-RAW Datasheet
878Kb / 9P
   6 Watt DIP24 Single and Dual Output
REV.: 0/2023
REC2.2-123.3SRWH1 RECOM-REC2.2-123.3SRWH1 Datasheet
85Kb / 3P
   2.2 Watt DIP24 Single & Dual Output
REC3-123.3SRH1 RECOM-REC3-123.3SRH1 Datasheet
85Kb / 2P
   2 Watt DIP24 Single & Dual Output
RP12-122.5SA RECOM-RP12-122.5SA Datasheet
93Kb / 4P
   12 Watt DIP24 Single & Dual Output
REC2.2-123.3SR RECOM-REC2.2-123.3SR Datasheet
85Kb / 2P
   2.2 Watt DIP24 Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com