Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL29011 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL29011
Description  Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL29011 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL29011_10 Datasheet HTML 7Page - Intersil Corporation ISL29011_10 Datasheet HTML 8Page - Intersil Corporation ISL29011_10 Datasheet HTML 9Page - Intersil Corporation ISL29011_10 Datasheet HTML 10Page - Intersil Corporation ISL29011_10 Datasheet HTML 11Page - Intersil Corporation ISL29011_10 Datasheet HTML 12Page - Intersil Corporation ISL29011_10 Datasheet HTML 13Page - Intersil Corporation ISL29011_10 Datasheet HTML 14Page - Intersil Corporation ISL29011_10 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
FN6467.3
February 4, 2010
a proximity sensing using Scheme 1 to do on-chip
background IR noise subtraction. While Scheme 0 has wider
dynamic range, Scheme 1 proximity detection is faster but
with half the resolution. Please refer to “Typical Performance
Curves” on page 13 for ADC output versus distance using
Scheme 0 detection.
Figure 10 shows ISL29011 configured at 12-bit ADC
resolution and sensitivity range select at 16000 (range 3) for
the proximity reading. A 12.5mA external LED current at
360kHz modulation frequency detects three different sensing
objects: 92% brightness paper, 18% gray card and ESD
black foam. Figure 11 shows ISL29011 configured at 12-bit
ADC resolution and sensitivity range select at 1000
(range 1) for the proximity reading, with a programmed
external LED at 360kHz modulation frequency, detecting the
same sensing object: 18% gray card under four different
external LED current: 12.5mA, 25mA, 50mA and 100mA to
compare the proximity readout versus distance.
ISL29011 Proximity sensing relies on the amount of IR
reflected back from the objects to be detected. Clearly, it can
not detect an optically black object that reflects no light.
However, ISL29011 is sensitive enough to detect a black ESD
foam, which reflects slightly less than 1% of IR, as shown in
Figure 10 on page 13. For biological objects, blonde hair
reflects more than brunette hair, as expected and shown in
Figure 12. Also notice that skin tissue is much more reflective
than hair. IR penetrates into the skin and is reflected or
scattered back from within. As a result, the proximity count
peaks at contact and monotonically decreases as skin moves
away. This characteristic is very different from that of a plain
paper reflector.
Interrupt Function
Depending on the mode of operation set by Bits 7, 6 and 5 of
command register 00 hex, the upper and lower interrupt
thresholds are for either ambient light level or proximity
detection. After each change of mode of operation, it is
expected a new set of thresholds are loaded to interrupt
registers 04, 05, 06 and 07 hex for proper interrupt detection.
Also, the interrupt persist counter will be reset to 0 when the
mode of operation is changed.
VDD Power-up and Power Supply Considerations
Upon power-up, please ensure a VDD slew rate of 0.5V/ms
or greater. After power-up, or if the user’s power supply
temporarily deviates from our specification (2.25V to 3.63V),
Intersil recommends the user write 0x00 to two registers:
0x08, 0x00 (in that order), wait ~1ms or more and then
rewrite all registers as desired.
LED Modulation for Proximity Detection
ISL29011 offers two ways to modulate the LED in the
Proximity Detection mode - DC or 360kHz (with 50% duty
cycle) by bit 6 of register 01h. At the IRDR pin, there are four
different IRDR LED currents; 12.5, 25, 50, and 100mA
outputs selectable by bits 4 and 5 of register 01h. With the
LED running in the DC mode, the proximity detection is twice
as sensitive but consumes 2 times more current. The
sensitivity of LED 50mA, DC 50mA is identical to that of
100mA, 360kHz modulation. Please note that the ISL29011
does not include a LED.
Current Consumption Estimation
The low power operation is achieved through sequential
readout in the serial fashion, as shown in Figure 4, the
device requires three different phases in serial during the
entire detection cycle to do ambient light sensing, infrared
sensing and proximity sensing. The external IR LED will only
be turned on during the proximity sensing phase under user
program controlled current at modulated frequency depends
on user selections. Figure 4 also shows the current
consumption during each ALS, IR sensing and Proximity
sensing phase. For example, at 8-bit ADC resolution the
integration time is 0.4ms. If user programed 50mA current to
supply external IR LED at 360kHz modulated frequency,
during the entire operation cycle that includes ALS, IR
sensing and Proximity sensing three different serial phases,
the detection occurs once every 30ms, the average current
consumption including external IR LED drive current can be
calculated from Equation 9:
If at a 12-bit ADC resolution where the integration time for
each serial phase becomes 7ms and the total detection time
becomes 100ms, the average current can be calculated from
Equation 10:
Suggested PCB Footprint
It is important that the users check the “Surface Mount
Assembly Guidelines for Optical Dual FlatPack No Lead
(ODFN) Package” before starting ODFN product board
mounting.
http://www.intersil.com/data/tb/TB477.pdf
Layout Considerations
The ISL29011 is relatively insensitive to layout. Like other
I2C devices, it is intended to provide excellent performance
even in significantly noisy environments. There are only a
few considerations that will ensure best performance.
Route the supply and I2C traces as far as possible from all
sources of noise. Use two power-supply decoupling
capacitors 1uF and 0.1µF and place them close to the VDDA
and VDDD pins of the device.
Typical Circuit
A typical application for the ISL29011 is shown in Figure 5.
The ISL29011’s I2C address is internally hardwired as
0.05mA 0.05mA 1mA (50mA∗50%))∗0.4ms
++
+
()
[]/30ms = 0.35mA
(EQ. 9)
0.05mA 0.05mA 1mA (50mA∗50%))∗
7ms
++
+
()
[]/100ms = 1.83mA
(EQ. 10)
ISL29011


Similar Part No. - ISL29011_10

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL29011 INTERSIL-ISL29011_11 Datasheet
822Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
More results

Similar Description - ISL29011_10

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29011 INTERSIL-ISL29011_11 Datasheet
822Kb / 16P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018 INTERSIL-ISL29018 Datasheet
633Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29011 INTERSIL-ISL29011 Datasheet
631Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
ISL29018IROZ-T7 INTERSIL-ISL29018IROZ-T7 Datasheet
803Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
October 8, 2012
logo
Renesas Technology Corp
ISL29018 RENESAS-ISL29018 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
logo
Intersil Corporation
ISL29023 INTERSIL-ISL29023 Datasheet
511Kb / 11P
   Integrated Digital Ambient Light Sensor with Interrupt Function
ISL29021 INTERSIL-ISL29021 Datasheet
583Kb / 12P
   Digital Proximity Sensor with Interrupt Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com