Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMD4003K Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMD4003K
Description  MOSFET driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMD4003K Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMD4003K Datasheet HTML 3Page - NXP Semiconductors PMD4003K Datasheet HTML 4Page - NXP Semiconductors PMD4003K Datasheet HTML 5Page - NXP Semiconductors PMD4003K Datasheet HTML 6Page - NXP Semiconductors PMD4003K Datasheet HTML 7Page - NXP Semiconductors PMD4003K Datasheet HTML 8Page - NXP Semiconductors PMD4003K Datasheet HTML 9Page - NXP Semiconductors PMD4003K Datasheet HTML 10Page - NXP Semiconductors PMD4003K Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PMD4003K_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 3 November 2006
7 of 15
NXP Semiconductors
PMD4003K
MOSFET driver
7.
Characteristics
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
NPN transistor
ICBO
collector-base cut-off
current
VCB =40V; IE = 0 A
-
-
100
nA
VCB =40V; IE =0A;
Tj = 150 °C
--50
µA
hFE
DC current gain
VCE =5V; IC = 1 mA
300
450
-
VCE =5V; IC = 200 mA
300
450
830
VCE =5V; IC = 500 mA
[1] 300
400
-
VCE =5V; IC =1A
[1] 200
340
-
VCE =5V; IC =2A
[1] 75
120
-
VCEsat
collector-emitter
saturation voltage
IC = 100 mA; IB = 5 mA
-
30
80
mV
IC = 500 mA; IB =50mA
[1] -
100
120
mV
IC = 1 A; IB = 100 mA
[1] -
180
230
mV
IC = 2 A; IB = 200 mA
[1] -
360
440
mV
VBEsat
base-emitter saturation
voltage
IC = 100 mA; IB = 5 mA
-
0.75
0.9
V
IC = 500 mA; IB =50mA
[1] -
0.9
1.1
V
IC = 1 A; IB = 100 mA
[1] -1
2
V
IC = 2 A; IB = 200 mA
[1] -
1.1
1.3
V
VBE
base-emitter voltage
VCE =5V; IC = 500 mA
[1] -
760
-
mV
Diode
VF
forward voltage
IF = −200 mA
[1] --
−1.1
V
Device
td
delay time
IC = 0.5 A; IB =25mA
-
5
-
ns
tr
rise time
-
27
-
ns
ton
turn-on time
-
32
-
ns
ts
storage time
-
1520
-
ns
tf
fall time
-
184
-
ns
toff
turn-off time
-
1704
-
ns
Device with optional capacitor C1
td
delay time
IC = 0.5 A; IB =25mA;
C1 = 2.2 nF
-2
-
ns
tr
rise time
-
2
-
ns
ton
turn-on time
-
4
-
ns
ts
storage time
-
150
-
ns
tf
fall time
-
154
-
ns
toff
turn-off time
-
304
-
ns


Similar Part No. - PMD4003K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMD4003K PHILIPS-PMD4003K Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
More results

Similar Description - PMD4003K

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMD9010D NXP-PMD9010D Datasheet
148Kb / 16P
   MOSFET driver
Rev. 01-20 November 2006
PMD2001D NXP-PMD2001D Datasheet
181Kb / 15P
   MOSFET driver
Rev. 02-28 August 2009
PMD9003D NXP-PMD9003D Datasheet
129Kb / 15P
   MOSFET driver
Rev. 01-24 November 2006
PMD9050D NXP-PMD9050D Datasheet
138Kb / 13P
   MOSFET driver
Rev. 01-27 November 2006
logo
IXYS Corporation
FDA215 IXYS-FDA215 Datasheet
102Kb / 5P
   MOSFET Driver
logo
Nexperia B.V. All right...
PMD3001D NEXPERIA-PMD3001D Datasheet
295Kb / 17P
   MOSFET driver
Rev. 02 - 28 August 2009
logo
NXP Semiconductors
PMD3001D NXP-PMD3001D Datasheet
180Kb / 16P
   MOSFET driver
Rev. 02-28 August 2009
PMD5001K NXP-PMD5001K Datasheet
153Kb / 15P
   MOSFET driver
Rev. 01-3 November 2006
logo
ON Semiconductor
NCP81155 ONSEMI-NCP81155_17 Datasheet
68Kb / 8P
   MOSFET Driver
October, 2017 ??Rev. P1
logo
Clare, Inc.
FDA215 CLARE-FDA215 Datasheet
82Kb / 4P
   MOSFET Driver
logo
NXP Semiconductors
PMD9002D NXP-PMD9002D Datasheet
129Kb / 15P
   MOSFET driver
Rev. 01-20 November 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com