Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXFBF05 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXFBF05
Description  4 Channel Buffer Device with high capacitance load capability
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXFBF05 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXFBF05 Datasheet HTML 1Page - Zetex Semiconductors ZXFBF05 Datasheet HTML 2Page - Zetex Semiconductors ZXFBF05 Datasheet HTML 3Page - Zetex Semiconductors ZXFBF05 Datasheet HTML 4Page - Zetex Semiconductors ZXFBF05 Datasheet HTML 5Page - Zetex Semiconductors ZXFBF05 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ISSUE 1 - FEBRUARY 2001
2
Vin=370mV pk-pk,
F=4 MHz
RL = 1k
Vout
ABSOLUTE MAXIMUM RATINGS
Voltage on any pin
20V (relative to V-)
Operating temperature range
0 to 70°C (de-rated for -40 to 85°C)
Storage Temperature
-55 to 125°C
ELECTRICAL CHARACTERISTICS
Test Conditions: Temperature =25°C, V+ = 5.00, V- = -5.00V, RL = 1k
Ω, CL = 10pF
Parameter
Conditions
Min.
Typical
Max.
Units
Offset Voltage
Vin = 0V
-25
-
25
mV
Offset Voltage Drift
Vin = 0V
20
V/°C
Supply Current
All inputs = 0V
5.0
30
40
mA
Input Bias Current
Vin = 0V
0.1
1.0
2.0
µA
Output Voltage
RL = 200Ω
±1
V
DC Gain
Vin = ± 0.5V, RL =1kΩ
Voffset = 0.0V
0.95
0.98
1.00
V/V
DC Gain
Vin = ±0.5V, RL =1kΩ
Voffset = 0.25V
0.95
0.98
1.00
V/V
Sink Current
Vin =0V, Vout =0.5V
4.0
6.0
12.0
mA
Source Current
Vin =0V, Vout =-0.5V
8.0
15.0
18.0
mA
Input Resistance
10
20
100
M
Output Resistance
5
10
15
Bandwidth
20mVp-p,
1.0Vp-p
100
20
MHz
Slew Rate
40
V/
µs
Voltage Noise
10 – 100 kHz
15
nV/
√Hz
Differential Gain
NTSC
F = 3.58MHz, Vin = 0.286Vp-p,
DC
∆V
in = 0 to 0.714V
0.1
%
Differential Phase
NTSC
0.15
Degrees
Differential Gain
PAL
F = 4.43MHz, Vin = 0.286Vp-p,
DC
∆V
in = 0 to 0.714V
0.1
%
Differential Phase
PAL
0.15
Degrees
Channel Isolation
Vin = 370mVp-p, RL = 1kΩ
F=4MHz
-60
dB
NOTES
Test circuit for measuring channel isolation.
Channel Isolation = 20 x LOG10 (Vout /Vin)dB
ZXFBF05


Similar Part No. - ZXFBF05

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXFBF05 DIODES-ZXFBF05 Datasheet
262Kb / 6P
   4 Channel Buffer Device with high capacitance load capability
ZXFBF05N14 DIODES-ZXFBF05N14 Datasheet
262Kb / 6P
   4 Channel Buffer Device with high capacitance load capability
ZXFBF05N14TA DIODES-ZXFBF05N14TA Datasheet
262Kb / 6P
   4 Channel Buffer Device with high capacitance load capability
ZXFBF05N14TC DIODES-ZXFBF05N14TC Datasheet
262Kb / 6P
   4 Channel Buffer Device with high capacitance load capability
More results

Similar Description - ZXFBF05

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXFBF05 DIODES-ZXFBF05 Datasheet
262Kb / 6P
   4 Channel Buffer Device with high capacitance load capability
logo
Zetex Semiconductors
ZXFBF04 ZETEX-ZXFBF04 Datasheet
258Kb / 6P
   4 Channel Buffer Device
logo
Diodes Incorporated
ZXFBF04 DIODES-ZXFBF04 Datasheet
259Kb / 6P
   4 Channel Buffer Device
ZXFBF08 DIODES-ZXFBF08 Datasheet
261Kb / 6P
   8 Channel Buffer Device
logo
Zetex Semiconductors
ZXFBF08 ZETEX-ZXFBF08 Datasheet
259Kb / 6P
   8 Channel Buffer Device
logo
NXP Semiconductors
ABT22V10A5 PHILIPS-ABT22V10A5 Datasheet
302Kb / 18P
   5V high-speed universal PLD device with live insertion capability
1999 Oct 27
logo
TDK Electronics
FCR8.0MC5T TDK-FCR8.0MC5T Datasheet
72Kb / 3P
   FCR(Built-in load capacitance/External load capacitance) series
logo
New Jersey Semi-Conduct...
5082-1000 NJSEMI-5082-1000 Datasheet
245Kb / 2P
   FAST SWITCHING LOW CAPACITANCE HIGH CURRENT CAPABILITY
logo
Texas Instruments
TPS22949 TI-TPS22949_10 Datasheet
759Kb / 24P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
TPS22949_101 TI-TPS22949_101 Datasheet
1Mb / 28P
[Old version datasheet]   CURRENT-LIMITED LOAD SWITCH WITH LOW NOISE REGULATION CAPABILITY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com