Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1210L200SLYR Datasheet(PDF) 3 Page - Littelfuse

Part # 1210L200SLYR
Description  POLYFUSE Resettable PTCs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1210L200SLYR Datasheet(HTML) 3 Page - Littelfuse

  1210L200SLYR Datasheet HTML 1Page - Littelfuse 1210L200SLYR Datasheet HTML 2Page - Littelfuse 1210L200SLYR Datasheet HTML 3Page - Littelfuse 1210L200SLYR Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
11
Revised: June 4, 2010
POLYFUSE® Resettable PTCs
© 2010 Littelfuse, Inc
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/LoRho.html for current information.
Surface Mount > Lo Rho Series
Lo Rho Series
Soldering Parameters
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (T
S(max) to TP)
3°C/second max
Pre Heat:
Temperature Min (T
s(min))
150°C
Temperature Max (T
s(max))
200°C
Time (Min to Max) (t
s)
60 – 180 secs
Time Maintained
Above:
Temperature (T
L)
217°C
Temperature (t
L)
60 – 150 seconds
Peak / Classification Temperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
20 – 40 seconds
Ramp-down Rate
6°C/second max
Time 25°C to peak Temperature (T
P)
8 minutes Max.
-- All temperature refer to topside of the package, measured on the package body surface
-- If reflow temperature exceeds the recommended profile, devices may not meet the
performance requirements
-- Recommended reflow methods: IR, vapor phase oven, hot air oven, N
2
environment for lead
-- Recommended maximum paste thickness is 0.25mm (0.010 inch)
-- Devices can be cleaned using standard industry methods and solvents
-- Devices can be reworked using the standard industry practices
Dimensions
Part Number
Device Dimension
Solder Pad Layout
AB
C
D
E
F
G
H
mm
mm
mm
mm
mm
mm
mm
mm
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
0805L075SLYR
2.00 2.20 1.20
1.50 0.40 0.75 0.20
0.55
0.05
0.45
1.00
1.20
1.50
0805L110SLYR
2.00 2.20 1.20
1.50 0.40 0.75 0.20
0.55
0.10
0.45
1.00
1.20
1.50
1206L110SLYR
3.00 3.40 1.50
1.80 0.40 0.75 0.25
0.75
0.10
0.45
1.00
1.80
1.80
1206L150SLYR
3.00 3.40 1.50
1.80 0.40 0.70 0.25
0.75
0.10
0.45
1.00
1.80
1.80
1210L200SLYR
3.00 3.43 2.35 2.80 0.40 0.70 0.25
0.75
0.20
0.50
1.00
2.00
2.50
1210L350SL-SYR
3.00 3.43 2.35 2.80 0.60 1.00
0.25
0.75
0.20
0.50
1.00
2.00
2.50
1812L190SLPR
4.37 4.73 3.07 3.41 0.40 0.70 0.30
1.20
0.25
0.65
1.78
3.45
3.15
C
Top
View
Side
View
Bottom
View
D
Marking code varies by device --
See Electrical Characteristics table
E
A
B
FF
Solder Pad Layout
Device Dimensions
H
G


Similar Part No. - 1210L200SLYR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1210L200SLYR LITTELFUSE-1210L200SLYR Datasheet
226Kb / 4P
   POLYFUSE Resettable PTCs
More results

Similar Description - 1210L200SLYR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1812L260THDR LITTELFUSE-1812L260THDR Datasheet
409Kb / 6P
   POLYFUSE Resettable PTCs
250S130 LITTELFUSE-250S130 Datasheet
189Kb / 5P
   POLYFUSE Resettable PTCs
0603L010 LITTELFUSE-0603L010 Datasheet
161Kb / 5P
   POLYFUSE Resettable PTCs
600R150ZR LITTELFUSE-600R150ZR Datasheet
214Kb / 6P
   POLYFUSE Resettable PTCs
72R300XMR LITTELFUSE-72R300XMR Datasheet
242Kb / 7P
   POLYFUSE Resettable PTCs
30R500UF LITTELFUSE-30R500UF Datasheet
259Kb / 7P
   POLYFUSE Resettable PTCs
30R300UPR LITTELFUSE-30R300UPR Datasheet
171Kb / 8P
   POLYFUSE Resettable PTCs
72R020X LITTELFUSE-72R020X Datasheet
175Kb / 7P
   POLYFUSE Resettable PTCs
06SL190G LITTELFUSE-06SL190G Datasheet
143Kb / 2P
   POLYFUSE Resettable PTCs
0805L110SLYR LITTELFUSE-0805L110SLYR Datasheet
226Kb / 4P
   POLYFUSE Resettable PTCs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com