Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE24C04.08A Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE24C04.08A
Description  Two-wire Serial EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C04.08A Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE24C04.08A Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24C04.08A Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C04.08A Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C04.08A Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C04.08A Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C04.08A Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C04.08A Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C04.08A Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24C04.08A Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
 
                                                                                                      
ACE24C04.08A
                        Technology
Two-wire Serial EEPROM
VER 1.2
6
Device Operation
Clock and Data Transitions:
The SDA pin is normally pulled high with an external device. Data on the SDA pin may change only
during SCL low time periods (refer to Figure 4). Data changes during SCL high periods will indicate a
start or stop condition as defined below.
Start Condition:
A high-to-low transition of SDA with SCL high is a start condition which must precede any other
command (refer to Figure 5).
Stop Condition:
A low-to-high transition of SDA with SCL high is a stop condition. After a read sequence, the stop command
will place the EEPROM in a standby power mode (refer to Figure 5).
Acknowledge:
All addresses and data words are serially transmitted to and from the EEPROM in 8-bit words. The
EEPROM sends a zero during the ninth clock cycle to acknowledge that it has received each word. The
happens during the ninth clock cycle. Following receipt each word from the EEPROM, the
microcontroller should send a zero to EEPROM and continue to output the next data word or send a
stop condition to finish the read cycle.
Standby Mode :
The ACE24C04/08A features a low-power standby mode which is enabled: (a) upon power-up and (b)
after the receipt of the stop bit and the completion of any internal operations.
Device Reset :
After an interruption in protocol power loss or system reset, any two-wire part can be protocol reset by following
these steps:
1. Clock up to 9 cycles.
2. Look for SDA high in each cycle while SCL is high and then.
3. Create a start condition as SDA is high
Bus Timing
Figure 2.SCL: Serial Clock, SDA: Serial Data I/O


Similar Part No. - ACE24C04.08A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C04.08A ACE-ACE24C04.08A_11 Datasheet
607Kb / 15P
   Two-wire Serial EEPROM
VER 1.5
More results

Similar Description - ACE24C04.08A

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com