Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

43640-0201 Datasheet(PDF) 3 Page - MolexKits

Part # 43640-0201
Description  Plugs, Receptacles
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

43640-0201 Datasheet(HTML) 3 Page - MolexKits

  43640-0201 Datasheet HTML 1Page - MolexKits 43640-0201 Datasheet HTML 2Page - MolexKits 43640-0201 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bill of Materials
Molex Part No.
Description
Quantity
51021-0400
1.25mm (.049") Pitch PicoBlade™ Receptacle, 4 Circuits
5
51021-0300
1.25mm (.049") Pitch PicoBlade™ Receptacle, 3 Circuits
5
51005-0300
2.00mm (.079") Pitch Wire-to-Wire Receptacle Housing, 3 Circuits
5
51005-0200
2.00mm (.079") Pitch Wire-to-Wire Receptacle Housing, 2 Circuits
5
51021-0200
1.25mm (.049") Pitch PicoBlade™ Receptacle, 2 Circuits
5
51047-0400
1.25mm (.049") Pitch PicoBlade™ Plug, 4 Circuits
5
51047-0300
1.25mm (.049") Pitch PicoBlade™ Plug, 3 Circuits
5
50013-8100
Female Crimp Terminal, Loose, for 2.00mm (.079") Pitch, 51005 Receptacle
50
50012-8100
Male Crimp Terminal, Loose, for 2.00mm (.079") Pitch, 51006 Plug
50
50058-8000
PicoBlade™ Crimp Terminal, Female, 32-28 AWG
50
50133-8100
PicoBlade™ Crimp Terminal, Male, 32-28 AWG
50
51047-0200
1.25mm (.049") Pitch PicoBlade™ Plug , 2 Circuits
5
51005-0400
2.00mm (.079") Pitch Wire-to-Wire Receptacle Housing, 4 Circuits
5
51006-0200
2.00mm (.079") Pitch Wire-to-Wire Plug Housing, 2 Circuits
5
51006-0300
2.00mm (.079") Pitch Wire-to-Wire Plug Housing, 3 Circuits
5
51006-0400
2.00mm (.079") Pitch Wire-to-Wire Plug Housing, 4 Circuits
5
43030-0007
Micro-Fit 3.0™ Crimp Terminal, Female, 24-20 AWG
50
43031-0007
Micro-Fit 3.0™ Crimp Terminal, Male, 24-20 AWG
50
43645-0200
3.0mm (.118") Pitch Micro-Fit 3.0™ Receptacle, 2 Circuits
5
43645-0300
3.0mm (.118") Pitch Micro-Fit 3.0™ Receptacle, 3 Circuits
5
43645-0400
3.0mm (.118") Pitch Micro-Fit 3.0™ Receptacle, 4 Circuits
5
43640-0201
3.0mm (.118") Pitch Micro-Fit 3.0™ Plug, 2 Circuits
5
43640-0401
3.0mm (.118") Pitch Micro-Fit 3.0™ Plug, 4 Circuits
5
43640-0301
3.0mm (.118") Pitch Micro-Fit 3.0™ Plug, 3 Circuits
5
Recommended Molex Tool
Molex Part No.
Descripition
Page 3


Similar Part No. - 43640-0201

ManufacturerPart #DatasheetDescription
logo
MolexKits
43640-0201 MOLEXKITS-43640-0201 Datasheet
38Kb / 2P
   3.00mm(.118)Pitch Single Row Free Hanging Plug and Receptacle
43640-0201 MOLEXKITS-43640-0201 Datasheet
22Kb / 3P
   Plugs, Receptacles
logo
Molex Electronics Ltd.
43640-0201 MOLEX5-43640-0201 Datasheet
259Kb / 3P
   3.00mm (.118") Pitch Micro-Fit 3.0??Plug Housing, Single Row, without Panel Mount Ears, 2 Circuits
43640-0201 MOLEX-43640-0201 Datasheet
220Kb / 2P
   MICRO-FIT (3.0) IN-LINE 2 THRU 12 CIRCUIT PLUG W/ OPTIONAL PANEL MOUNTS
43640-0201 MOLEX11-43640-0201 Datasheet
43Kb / 2P
   Micro-Fit 3.0 Plug Housing, Single Row, without Panel Mount Ears, 2 Circuits
More results

Similar Description - 43640-0201

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0231 MOLEXKITS-76650-0231 Datasheet
22Kb / 3P
   Plugs, Receptacles
76650-0232 MOLEXKITS-76650-0232 Datasheet
21Kb / 3P
   Plugs, Vertical Receptacles
logo
Molex Electronics Ltd.
84727-1002 MOLEX2-84727-1002 Datasheet
401Kb / 3P
   Industrial USB Plugs and Receptacles
logo
List of Unclassifed Man...
PK2-050B04 ETC2-PK2-050B04 Datasheet
1Mb / 12P
   Rugged and Sealed Plugs and Receptacles
logo
Molex Electronics Ltd.
15040296 MOLEX-15040296 Datasheet
158Kb / 2P
   STRAIN RELIEF FOR MINI-FIT PLUGS AND RECEPTACLES
5556 MOLEX2-5556 Datasheet
875Kb / 2P
   Mini-Fit짰 TPA (Terminal Position Assurance) Plugs and Receptacles
logo
Switchcraft, Inc.
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
   MINIATURE, DUMMY PLUGS, HOLE PLUGS
TT203 SWITCH-TT203 Datasheet
33Kb / 1P
   MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Dubilier
DBCRJ45P88F DUBILIER-DBCRJ45P88F Datasheet
123Kb / 1P
   NETWORKING PLUGS MODULAR PLUGS - FLAT CABLE
logo
Balluff Korea Ltd.
BCC0E53 BALLUFF-BCC0E53 Datasheet
97Kb / 2P
   Receptacles
0.7_2022-07-16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com