Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

43178-2002 Datasheet(PDF) 3 Page - MolexKits

Part # 43178-2002
Description  Plugs, Receptacles
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

43178-2002 Datasheet(HTML) 3 Page - MolexKits

  43178-2002 Datasheet HTML 1Page - MolexKits 43178-2002 Datasheet HTML 2Page - MolexKits 43178-2002 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Bill of Materials
Molex Part No.
Description
Quantity
42816-0212
10mm (.393") Mini-Fit Sr.™ Receptacle, 2 Circuits
2
42817-0011
Mini-Fit Sr.™ Male Pin Terminal, 12-10 AWG
15
42815-0011
Mini-Fit Sr.™ Female Socket Terminal, 12-10 AWG
15
42816-0312
10mm (.393") Mini-Fit Sr.™ Receptacle, 3 Circuits
2
42816-0412
10mm (.393") Mini-Fit Sr.™ Receptacle, 4 Circuits
2
42818-0212
10mm (.393") Mini-Fit Sr.™ Plug, 2 Circuits
2
42818-0312
10mm (.393") Mini-Fit Sr.™ Plug, 3 Circuits
2
42818-0412
10mm (.393") Mini-Fit Sr.™ Plug, 4 Circuits
2
43178-2002
Male Crimp Sabre™ Terminal 18-14 AWG, 4.57mm (.180") Maximum Insulation Diameter
25
43375-1001
Female Crimp Sabre™ Terminal 18-14 AWG, 4.57mm (.180") Maximum Insulation Diameter
25
44441-2002
2 Circuit 7.50mm (.295") Pitch Sabre™ Receptacle
2
44441-2003
3 Circuit 7.50mm (.295") Pitch Sabre™ Receptacle
2
44441-2004
4 Circuit 7.50mm (.295") Pitch Sabre™ Receptacle
2
43680-2002
2 Circuit 7.50mm (.295") Pitch Sabre™ Plug
2
43680-2003
3 Circuit 7.50mm (.295") Pitch Sabre™ Plug
2
43680-2004
4 Circuit 7.50mm (.295") Pitch Sabre™ Plug
2
39-00-0039
Crimp Type Female Socket Terminal, 24-18 AWG
50
39-00-0041
1.57mm (.062") Diameter Crimp Type Male Pin Terminal, 24-18 AWG
50
39-01-2020
4.20mm (.165") Pitch, 2 Circuit, Free-Hanging Receptacle
4
39-01-2040
4.20mm (.165") Pitch, 4 Circuit, Free-Hanging Receptacle
4
39-01-2060
4.20mm (.165") Pitch 6 Circuit Free Hanging Receptacle
2
39-01-2021
4.20mm (.165") Pitch, 2 Circuit, Panel Mount Plug
4
39-01-2041
4.20mm (.165") Pitch, 4 Circuit, Panel Mount Plug
4
39-01-2061
4.20mm (.165") Pitch, 6 Circuit, Panel-Mount Plug
2
43030-0007
Micro-Fit 3.0™ Crimp Terminal, Female, 24-20 AWG
50
43031-0007
Micro-Fit 3.0™ Crimp Terminal, Male, 24-20 AWG
50
43645-0200
3.0mm (.118") Pitch Micro-Fit 3.0™ Receptacle, 2 Circuits
4
43645-0300
3.0mm (.118") Pitch Micro-Fit 3.0™ Receptacle, 3 Circuits
2
43645-0400
3.0mm (.118") Pitch Micro-Fit 3.0™ Receptacle, 4 Circuits
2
43645-0600
3.0mm (.118") Pitch Micro-Fit 3.0™ Receptacle, 6 Circuits
2
43640-0201
3.0mm (.118") Pitch Micro-Fit 3.0™ Plug, 2 Circuits
4
43640-0301
3.0mm (.118") Pitch Micro-Fit 3.0™ Plug, 3 Circuits
2
43640-0401
3.0mm (.118") Pitch Micro-Fit 3.0™ Plug, 4 Circuits
2
43640-0601
3.0mm (.118") Pitch Micro-Fit 3.0™ Plug, 6 Circuits
2
Recommended Molex Tool
Molex Part No.
Descripition
Page 3


Similar Part No. - 43178-2002

ManufacturerPart #DatasheetDescription
MolexKits
MolexKits
43178-2002 MOLEXKITS-43178-2002 Datasheet
39Kb / 3P
   Free Hanging Plug and Receptacle
More results

Similar Description - 43178-2002

ManufacturerPart #DatasheetDescription
MolexKits
MolexKits
76650-0229 MOLEXKITS-76650-0229 Datasheet
21Kb / 3P
   Plugs, Receptacles
76650-0232 MOLEXKITS-76650-0232 Datasheet
21Kb / 3P
   Plugs, Vertical Receptacles
Molex Electronics Ltd.
Molex Electronics Ltd.
84727-1002 MOLEX2-84727-1002 Datasheet
401Kb / 3P
   Industrial USB Plugs and Receptacles
List of Unclassifed Manufacturers
List of Unclassifed Man...
PK2-050B04 ETC2-PK2-050B04 Datasheet
1Mb / 12P
   Rugged and Sealed Plugs and Receptacles
Molex Electronics Ltd.
Molex Electronics Ltd.
15040296 MOLEX-15040296 Datasheet
158Kb / 2P
   STRAIN RELIEF FOR MINI-FIT PLUGS AND RECEPTACLES
5556 MOLEX2-5556 Datasheet
875Kb / 2P
   Mini-Fit짰 TPA (Terminal Position Assurance) Plugs and Receptacles
Allen-Bradley
Allen-Bradley
888D-M4AC9-4N ALLEN-BRADLEY-888D-M4AC9-4N Datasheet
37Kb / 1P
   Receptacles
List of Unclassifed Manufacturers
List of Unclassifed Man...
771W-CX2-01 ETC1-771W-CX2-01 Datasheet
137Kb / 1P
   RECEPTACLES
Glenair, Inc.
Glenair, Inc.
805-003-01C8-1PA GLENAIR-805-003-01C8-1PA Datasheet
490Kb / 4P
   Receptacles
Allen-Bradley
Allen-Bradley
888M-M12AE-0F5 ALLEN-BRADLEY-888M-M12AE-0F5 Datasheet
53Kb / 1P
   Receptacles
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com