Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMBT3946YPN Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMBT3946YPN
Description  40 V, 200 mA NPN/PNP general-purpose double transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMBT3946YPN Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMBT3946YPN Datasheet HTML 3Page - NXP Semiconductors PMBT3946YPN Datasheet HTML 4Page - NXP Semiconductors PMBT3946YPN Datasheet HTML 5Page - NXP Semiconductors PMBT3946YPN Datasheet HTML 6Page - NXP Semiconductors PMBT3946YPN Datasheet HTML 7Page - NXP Semiconductors PMBT3946YPN Datasheet HTML 8Page - NXP Semiconductors PMBT3946YPN Datasheet HTML 9Page - NXP Semiconductors PMBT3946YPN Datasheet HTML 10Page - NXP Semiconductors PMBT3946YPN Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PMBT3946YPN_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 12 May 2009
7 of 15
NXP Semiconductors
PMBT3946YPN
40 V, 200 mA NPN/PNP general-purpose double transistor
VCE =1V
(1) Tamb = 150 °C
(2) Tamb =25 °C
(3) Tamb = −55 °C
Tamb =25 °C
Fig 3.
TR1 (NPN): DC current gain as a function of
collector current; typical values
Fig 4.
TR1 (NPN): Collector current as a function of
collector-emitter voltage; typical values
VCE =1V
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 150 °C
IC/IB =10
(1) Tamb = −55 °C
(2) Tamb =25 °C
(3) Tamb = 150 °C
Fig 5.
TR1 (NPN): Base-emitter voltage as a function
of collector current; typical values
Fig 6.
TR1 (NPN): Base-emitter saturation voltage as
a function of collector current; typical values
006aab115
200
400
600
hFE
0
IC (mA)
10−1
103
102
110
(1)
(2)
(3)
VCE (V)
010
8
46
2
006aab116
0.10
0.05
0.15
0.20
IC
(A)
0.0
IB (mA) = 5.0
4.5
3.5
3.0
2.5
2.0
1.5
1.0
0.5
4.0
006aab117
0.4
0.8
1.2
VBE
(V)
0
IC (mA)
10−1
103
102
110
(1)
(2)
(3)
006aab118
IC (mA)
10−1
103
102
110
0.5
0.9
1.3
VBEsat
(V)
0.1
(1)
(2)
(3)


Similar Part No. - PMBT3946YPN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMBT3946YPN NEXPERIA-PMBT3946YPN Datasheet
235Kb / 16P
   40 V, 200 mA NPN/PNP general-purpose double transistor
Rev. 01 - 12 May 2009
More results

Similar Description - PMBT3946YPN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMBT3946YPN NEXPERIA-PMBT3946YPN Datasheet
235Kb / 16P
   40 V, 200 mA NPN/PNP general-purpose double transistor
Rev. 01 - 12 May 2009
logo
NXP Semiconductors
PMBT3906YS NXP-PMBT3906YS Datasheet
97Kb / 12P
   40 V, 200 mA PNP/PNP general-purpose double transistor
Rev. 02-13 May 2009
logo
Nexperia B.V. All right...
PMBT3906YS NEXPERIA-PMBT3906YS Datasheet
212Kb / 13P
   40 V, 200 mA PNP/PNP general-purpose double transistor
Rev. 02 - 13 May 2009
logo
NXP Semiconductors
PMBT3904YS NXP-PMBT3904YS Datasheet
96Kb / 12P
   40 V, 200 mA NPN/NPN general-purpose double transistor
Rev. 01-12 May 2009
logo
Nexperia B.V. All right...
PMBT3904YS NEXPERIA-PMBT3904YS Datasheet
1Mb / 10P
   40 V, 200 mA NPN/NPN general-purpose double transistor
1 January 2023
PMBT3904YS-Q NEXPERIA-PMBT3904YS-Q Datasheet
243Kb / 10P
   40 V, 200 mA NPN/NPN general-purpose double transistor
28 April 2022
PMP3906AYS NEXPERIA-PMP3906AYS Datasheet
250Kb / 11P
   40 V, 200 mA PNP/PNP matched double transistor
27 July 2022
PMP3906AYS-Q NEXPERIA-PMP3906AYS-Q Datasheet
251Kb / 11P
   40 V, 200 mA PNP/PNP matched double transistor
3 August 2022
PMBT3904RA NEXPERIA-PMBT3904RA Datasheet
252Kb / 13P
   40 V, 200 mA double NPN switching transistor
13 September 2018
logo
NXP Semiconductors
PMBT3946VPN NXP-PMBT3946VPN Datasheet
118Kb / 15P
   40 V, 200 mA NPN/PNP switching transistor
Rev. 01-31 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com