Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMBT3906 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PMBT3906
Description  PNP switching transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMBT3906 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PMBT3906 Datasheet HTML 3Page - NXP Semiconductors PMBT3906 Datasheet HTML 4Page - NXP Semiconductors PMBT3906 Datasheet HTML 5Page - NXP Semiconductors PMBT3906 Datasheet HTML 6Page - NXP Semiconductors PMBT3906 Datasheet HTML 7Page - NXP Semiconductors PMBT3906 Datasheet HTML 8Page - NXP Semiconductors PMBT3906 Datasheet HTML 9Page - NXP Semiconductors PMBT3906 Datasheet HTML 10Page - NXP Semiconductors PMBT3906 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
//htmlimg2.alldatasheet.com/htmldatasheet2/347265/NXP/PMBT3906/543/9/PMBT3906.png


Similar Part No. - PMBT3906

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMBT3906 PHILIPS-PMBT3906 Datasheet
46Kb / 8P
   PNP switching transistor
1999 Apr 27
PMBT3906 NXP-PMBT3906 Datasheet
126Kb / 11P
   PNP switching transistor
Rev. 06-2 March 2010
logo
Nexperia B.V. All right...
PMBT3906 NEXPERIA-PMBT3906 Datasheet
658Kb / 11P
   PNP switching transistor
Rev. 06 - 2 March 2010
logo
NXP Semiconductors
PMBT3906215 NXP-PMBT3906215 Datasheet
126Kb / 11P
   PNP switching transistor
Rev. 06-2 March 2010
PMBT3906M NXP-PMBT3906M Datasheet
92Kb / 11P
   40 V, 200 mA PNP switching transistor
Rev. 01-22 July 2009
More results

Similar Description - PMBT3906

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
PN3640 FAIRCHILD-PN3640_01 Datasheet
454Kb / 10P
   PNP Switching Transistor
logo
NXP Semiconductors
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
   PNP switching transistor
1999 May 10
PMBT4403215 NXP-PMBT4403215 Datasheet
128Kb / 7P
   PNP switching transistor
2004 Jan 21
logo
Guangdong Kexin Industr...
PXT2907A KEXIN-PXT2907A Datasheet
59Kb / 2P
   PNP Switching Transistor
logo
Chenmko Enterprise Co. ...
CHT2907ZPT CHENMKO-CHT2907ZPT Datasheet
157Kb / 6P
   PNP Switching Transistor
logo
Guangdong Kexin Industr...
BSR18A KEXIN-BSR18A Datasheet
45Kb / 2P
   PNP Switching Transistor
logo
Fairchild Semiconductor
ST5771 FAIRCHILD-ST5771 Datasheet
26Kb / 2P
   PNP Switching Transistor
logo
NXP Semiconductors
PMSS3906 PHILIPS-PMSS3906 Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
PMST2907A PHILIPS-PMST2907A Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com