Electronic Components Datasheet Search |
|
C0805C184J3HAC Datasheet(PDF) 1 Page - Kemet Corporation |
|
C0805C184J3HAC Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 4 page Product Bulletin KEMET’s Ultra Stable X8R Dielectric features a 150°C maximum operating temperature, offering the latest in high temperature di- electric technology and therefore a reliable choice for extreme temperature applications. It offers the same temperature capability as conventional X8R, but without the capacitance loss due to applied DC voltage. Ultra Stable X8R exhibits no capacitance loss and is a suitable replacement for higher capacitance and larger footprint devices that fail to offer capacitance stability. Product ap- plications include harsh environments such as Down Hole (Oil Exploration), Automotive (Under Hood), Military and Aerospace. Six standard package options are available which include EIA 0402, 0603, 0805, 1206, 1210, and 1812 case sizes. Devices are available in dc voltage ratings of 25V, 50V and 100V, with capacitance offerings ranging from 10pF to 0.22μF. Capacitance toler- ances offerings include ±1%, ±2%, ±5%, ±10% and ±20%, with capacitance shift limited to ±15% from -55°C to +150°C. All parts are environmentally friendly, in compliance with RoHS legislation (RoHS 6/6) and are being offered in both commercial and automotive grades with 100% pure matte tin-plated terminations that allow for excellent solderability. A Sn/Pb termination option is also available upon request. EIA SIZE CODE METRIC SIZE CODE L - LENGTH W - WIDTH B - BANDWIDTH S SEPARATION minimum MOUNTING TECHNIQUE 0402 1005 1.0 (.04) ± .05 (.002) 0.5 (.02) ± .05 (.002) 0.30 (.012) ±.10 (.004) 0.3 (.012) Solder Reflow 0603 1608 1.6 (.063) ± .15 (.006) 0.8 (.032) ± .15 (.006) 0.35 (.014) ± .15 (.006) 0.7 (.028) Solder Wave + or Solder Reflow 0805 2012 2.0 (.079) ± .20 (.008) 1.25 (.049) ± .20 (.008) 0.50 (.02) ± .25 (.010) 0.75 (.030) 1206 3216 3.2 (.126) ± .20 (.008) 1.6 (.063) ± .20 (.008) 0.50 (.02) ± .25 (.010) N/A 1210 3225 3.2 (.126) ± .20 (.008) 2.5 (.098) ± .20 (.008) 0.50 (.02) ± .25 (.010) N/A Solder Reflow 1812 4520 4.5 (.177) ± .3 (.012) 3.2 (.126) ± .3 (.012) 0.6 (.024) ± .35 (.014) N/A Dimensions - Millimeters (Inches) Outline Drawing Surface Mount Ceramic Chip Capacitors – Ultra Stable X8R Dielectric © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com F4000 11/09 |
Similar Part No. - C0805C184J3HAC |
|
Similar Description - C0805C184J3HAC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |