Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIMN31 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PIMN31
Description  500 mA, 50 V NPN/NPN double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMN31 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PIMN31 Datasheet HTML 3Page - NXP Semiconductors PIMN31 Datasheet HTML 4Page - NXP Semiconductors PIMN31 Datasheet HTML 5Page - NXP Semiconductors PIMN31 Datasheet HTML 6Page - NXP Semiconductors PIMN31 Datasheet HTML 7Page - NXP Semiconductors PIMN31 Datasheet HTML 8Page - NXP Semiconductors PIMN31 Datasheet HTML 9Page - NXP Semiconductors PIMN31 Datasheet HTML 10Page - NXP Semiconductors PIMN31 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PIMN31_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 19 June 2007
8 of 11
NXP Semiconductors
PIMN31
500 mA, 50 V NPN/NPN double RET; R1 = 1 k
Ω, R2 = 10 kΩ
11. Soldering
Dimensions in mm
Fig 9.
Reflow soldering footprint SOT457 (SC-74)
Dimensions in mm
Fig 10. Wave soldering footprint SOT457 (SC-74)
solder lands
solder resist
occupied area
solder paste
0.95
2.825
0.45 0.55
1.60
1.95
3.45
1.70
3.10
3.20
3.30
msc422
1.40
4.30
5.30
0.45
msc423
1.45 4.45
5.05
solder lands
solder resist
occupied area


Similar Part No. - PIMN31

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PIMN31 NEXPERIA-PIMN31 Datasheet
209Kb / 12P
   500 mA, 50 V NPN/NPN double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01 - 19 June 2007
More results

Similar Description - PIMN31

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PIMN31 NEXPERIA-PIMN31 Datasheet
209Kb / 12P
   500 mA, 50 V NPN/NPN double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01 - 19 June 2007
logo
NXP Semiconductors
PDTD113ZT NXP-PDTD113ZT_13 Datasheet
71Kb / 9P
   NPN 500 mA, 50 V resistor-equipped transistor R1 = 1 kW, R2 = 10 kW
Rev. 02-23 March 2009
PDTD113ZT PHILIPS-PDTD113ZT_15 Datasheet
71Kb / 9P
   NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 02-23 March 2009
PDTD113ZT NXP-PDTD113ZT Datasheet
71Kb / 9P
   NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 02-23 March 2009
PIMC31 NXP-PIMC31 Datasheet
113Kb / 13P
   500 mA, 50 V NPN/PNP double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01-24 March 2009
logo
Nexperia B.V. All right...
PIMC31 NEXPERIA-PIMC31 Datasheet
228Kb / 14P
   500 mA, 50 V NPN/PNP double resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
Rev. 01 - 24 March 2009
logo
NXP Semiconductors
PDTD123E PHILIPS-PDTD123E Datasheet
68Kb / 10P
   NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01-8 April 2005
PDTC143X PHILIPS-PDTC143X Datasheet
86Kb / 12P
   NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 10 kW
Rev. 09-26 July 2005
PEMH24_PUMH24 PHILIPS-PEMH24_PUMH24_15 Datasheet
66Kb / 9P
   NPN/NPN resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
Rev. 04-18 May 2005
logo
Nexperia B.V. All right...
PDTC114T_SER NEXPERIA-PDTC114T_SER Datasheet
586Kb / 11P
   NPN resistor-equipped transistors; R1 = 10 kW, R2 = open
Rev. 08 - 9 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com