Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSO-xx09DZ Datasheet(PDF) 1 Page - Recom International Power

Part # RSO-xx09DZ
Description  1 Watt SIP8 Isolated Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RSO-xx09DZ Datasheet(HTML) 1 Page - Recom International Power

  RSO-xx09DZ Datasheet HTML 1Page - Recom International Power RSO-xx09DZ Datasheet HTML 2Page - Recom International Power RSO-xx09DZ Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ECONOLINE
DC/DC-Converter
RSO
www.recom-international.com
E-81
REV:0/2010
EN-60950-1 Certified
EN-60601-1 Certified
(Suffix H2/H3)
Description
High-power-density, an industrial temperature range of -40°C to +85°C and extra features like Remote-On-Off-
control are just some of the characteristics of this converter, ideal for highly sophisticated industrial-designs. The RSO
series is available with isolation of 2kV or 3kV by chosing option "/H2" or "/H3" in which case it is also ideal for medical
applications which additionally require EN-60601-1 certification. The “Z” version features 4:1 input voltage range, while
the standard version offers 2:1 input voltage range and includes a low voltage input range down to 4.5V.
1 Watt
SIP8 Isolated
Single & Dual
Output
2:1 and 4:1 Wide Input Voltage Ranges
1kVDC, 2kVD or 3kVDC Isolation
UL94V-0 Package Material
Certified for Medical Applications
Continuous Short Circuit Protection
Low Noise
No External Capacitor needed
Efficiency to 83 %
Features
Regulated
Converters
Selection Guide
Part Number
Input
Rated Output
Output Current
Efficiency
Capacitive
Voltage Range
Voltage
typ.
Load max.
SIP8
(VDC)
(VDC)
(mA)
(%)
RSO-xx3.3S (H2/H3)
4.5-9, 9-18
3.3
300
68-72
470µF
18-36, 36-72
70
RSO-xx05S (H2/H3)
4.5-9, 9-18
5
200
73-75
470µF
18-36, 36-72
75-78
RSO-xx09S (H2/H3)
4.5-9, 9-18
9
111
74-78
220µF
18-36, 36-72
78-81
RSO-xx12S (H2/H3)
4.5-9, 9-18
12
83
75-80
100µF
18-36, 36-72
80-83
RSO-xx15S (H2/H3)
4.5-9, 9-18
15
67
75-80
47µF
18-36, 36-72
80-83
RSO-xx3.3D (H2/H3)
4.5-9, 9-18
±3.3
±150
68-72
±220µF
18-36, 36-72
70
RSO-xx05D (H2/H3)
4.5-9, 9-18
±5
±100
73-75
±220µF
18-36, 36-72
75-76
RSO-xx09D (H2/H3)
4.5-9, 9-18
±9
±56
74-78
±100µF
18-36, 36-72
78
RSO-xx12D (H2/H3)
4.5-9, 9-18
±12
±42
75-79
±47µF
18-36, 36-72
79-80
RSO-xx15D (H2/H3)
4.5-9, 9-18
±15
±34
75-79
±22µF
18-36, 36-72
79-80
RSO-xx3.3SZ (H2/H3)
9-36
3.3
300
70
470µF
18-72
70
RSO-xx05SZ (H2/H3)
9-36
5
200
78
470µF
18-72
75
RSO-xx09SZ (H2/H3)
9-36
9
111
81
220µF
18-72
78
RSO-xx12SZ (H2/H3)
9-36
12
83
83
100µF
18-72
80
RSO-xx15SZ (H2/H3)
9-36
15
67
83
47µF
18-72
80
RSO-xx3.3DZ (H2/H3)
9-36
±3.3
±150
74
±220µF
18-72
70
RSO-xx05DZ (H2/H3)
9-36
±5
±100
77
±220µF
18-72
75
RSO-xx09DZ (H2/H3)
9-36
±9
±56
78
±100µF
18-72
78
RSO-xx12DZ (H2/H3)
9-36
±12
±42
80
±47µF
18-72
80
RSO-xx15DZ (H2/H3)
9-36
±15
±34
80
±22µF
18-72
80
2:1 Input
4:1 Input
(RS0-S/D)
(RSO-SZ/DZ)
xx = 4.5-9Vin = 05
xx = 9-36Vin = 24
xx = 9-18Vin = 12
xx = 18-72Vin = 48
xx = 18-36Vin = 24
xx = 36-72Vin = 48
Refer to Application Notes
RoHS
2002/95/EC
6/6


Similar Part No. - RSO-xx09DZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSO-XX09DZ RECOM-RSO-XX09DZ Datasheet
124Kb / 3P
   1 Watt SIP8 Isolated Single Dual Output
RSO-xx09DZ RECOM-RSO-xx09DZ Datasheet
103Kb / 3P
   2:1 and 4:1 Wide Input Voltage Ranges
More results

Similar Description - RSO-xx09DZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RSO-053.3S RECOM-RSO-053.3S Datasheet
91Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-053.3 RECOM-RSO-053.3 Datasheet
79Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
RSO-2405SZ RECOM-RSO-2405SZ Datasheet
124Kb / 3P
   1 Watt SIP8 Isolated Single Dual Output
RS-053.3 RECOM-RS-053.3 Datasheet
97Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
RS-053.3S RECOM-RS-053.3S Datasheet
93Kb / 3P
   2 Watt SIP8 Isolated Single & Dual Output
RS3-053.3S RECOM-RS3-053.3S Datasheet
82Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
RS3 RECOM-RS3_10 Datasheet
120Kb / 3P
   3 Watt SIP8 Isolated Single & Dual Output
logo
List of Unclassifed Man...
RS-2405SZ ETC2-RS-2405SZ Datasheet
116Kb / 3P
   2 Watt SIP8 Isolated Single Dual Output
logo
Recom International Pow...
RSOK-Z RECOM-RSOK-Z Datasheet
1Mb / 4P
   1 Watt SIP8 Single Output
REV.: 0/2023
REM2 RECOM-REM2 Datasheet
700Kb / 7P
   2 Watt SIP8 Single and Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com