Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPM60-24xxSG Datasheet(PDF) 1 Page - Recom International Power

Part # RPM60-24xxSG
Description  30-60 Watt Single , Dual & Triple Output
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPM60-24xxSG Datasheet(HTML) 1 Page - Recom International Power

  RPM60-24xxSG Datasheet HTML 1Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWERLINE
DC/DC-Converter
Power Module
Power
Modules
www.recom-international.com
P-91
REV:0/2010
Panel Mount Adaptor
Can be used with RP30, RP40 and RP60
Screw Terminals
FFC / EN55022 Class B EMC Filter
Input Fuse
Reverse Polarity Protected
Inrush Current Limiting (Soft Start)
Trim Potentiometer
Output LED Indicator
DIN Rail Mounting Bracket Option
Features
Selection Guide Single and Dual Outputs
Power Module
Input
Output
Input
Converter
Converter
Part Number
Range
Power
Fuse
Series
Datasheet
VDC
Watts
Page #
RPM30-12xxS_DE*
9.5-18
30
F6A
RP30-12xxS_DE
P53
RPM30-24xxS_DE*
18-36
30
F6A
RP30-24xxS_DE
P53
RPM30-48xxS_DE*
36-75
30
F4A
RP30-48xxS_DE
P53
RPM30-24xxS_DEW*
10-40
30
F6A
RP30-24xxS_DEW
P57
RPM30-48xxS_DEW*
18-75
30
F4A
RP30-48xxS_DEW
P57
RPM40-12xxS_D_TG*
9.5-18
40
F8A
RP40-12xxS_D_TG
P71
RPM40-24xxS_D_TG*
18-36
40
F8A
RP40-24xxS_D_TG
P71
RPM40-48xxS_D_TG*
36-75
40
F4A
RP40-48xxS_D_TG
P71
RPM40-24xxS_DGW*
9.5-36
40
F4A
RP40-24xxS_DGW
P75
RPM40-48xxS_DGW*
18-75
40
F4A
RP40-48xxS_DGW
P75
RPM60-24xxSG*
18-36
60
F8A
RP60-24xxSG
P79
RPM60-48xxSG*
36-75
60
F4A
RP60-48xxSG
P79
* add suffix -DIN for Optional DIN Rail Mounting Bracket
Description
The Recom Power Module takes a standard 30W-60W converter and mounts it on a PCB with screw terminals,
an EMC filter, some input protection circuitry and a built-in heatsink to offer a complete power module that can
be mounted on a bulkhead or on a DIN rail with the optional DIN rail fixing bracket. The Power Module is primarily
designed for transport applications such as a GPS vehicle tracking power supply or a radio communications
power supply, but will also find many uses in industrial, communications or battery-powered applications.
30-60 Watt
Single , Dual
&
Triple
Output
Mounting Centres 92.1
101.6
57.15
1
2
3
Fuse
19.0
17.2
Removable DIN-Rail
Mounting Bracket
CMC
FET
Trim
LED
4
5
6
7
TVS
Heat Sink Plate
3.5
6.35
RECOM
RPM40-2405SGW
Tolerance ±0.25 mm
Pin Connections
Pin #
Single
Dual
Triple
1
+Vin
+Vin
+Vin
2
-Vin
-Vin
-Vin
3
CTRL
CTRL
CTRL
4
NC
NC
+Aux
5
-Vout
-Vout
COM
6
+Vout
Com
-Aux
7
NC
+Vout
+Vout
Packing Quantity = 1 Pc
RoHS
2002/95/EC
6/6


Similar Part No. - RPM60-24xxSG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPM60-24xxSG RECOM-RPM60-24xxSG Datasheet
924Kb / 5P
   15-60 Watt Single, Dual & Triple Outputs
More results

Similar Description - RPM60-24xxSG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC30-3.3SA RECOM-RAC30-3.3SA Datasheet
96Kb / 3P
   30 Watt Single, Dual & Triple Output
RAC30-S-D-TA RECOM-RAC30-S-D-TA Datasheet
87Kb / 2P
   30 Watt Single/Dual/ Double & Triple Output
RAC30-A RECOM-RAC30-A Datasheet
87Kb / 2P
   30 Watt Single/Dual/Double & Triple Output
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
   30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
   30 Watt Single/Dual Output
REV.: 0/2023
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
   30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RPP30-W RECOM-RPP30-W Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com