Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC7.5-xx12DRWHAM Datasheet(PDF) 2 Page - Recom International Power

Part # REC7.5-xx12DRWHAM
Description  7.5 Watt DIP24 & SMD Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC7.5-xx12DRWHAM Datasheet(HTML) 2 Page - Recom International Power

  REC7.5-xx12DRWHAM Datasheet HTML 1Page - Recom International Power REC7.5-xx12DRWHAM Datasheet HTML 2Page - Recom International Power REC7.5-xx12DRWHAM Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
E-116
www.recom-electronic.com
REV: 0/2010
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
REC7.5-S_DRW/H*/A/M
Series
ECONOLINE
DC/DC-Converter
Typical Characteristics
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2412
483.3
4805
4812
Single
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2409D
2405D
4815D
2412D
Dual
Input Voltage Range
2:1
Output Voltage Accuracy
±2% max.
Line Voltage Regulation
0.4% max.
Load Voltage Regulation (25% to 100% full load )
0.8% max.
Output Ripple and Noise (at 20MHz BW)
3.3V output type
100mVp-p max.
5, 9, 12 and 15V output types
50mVp-p max.
Operating Frequency (Full Load)
150kHz min. / 240kHz max.
Input Filter
PI Network
Efficiency at Full Load
see Selection Guide
No Load Power Consumption
300mW max.
Isolation Voltage
H1 types
(tested for 1 second)
1000VDC min.
Isolation Voltage
H2 types
(tested for 1 second)
2000VDC min.
Isolation Voltage
H3 types
(tested for 1 second)
3000VDC min.
Rated Working Voltage
(long term isolation)
see Application Note
Isolation Capacitance
50pFtyp.
Isolation Resistance
1 G
Ω min.
Short Circuit Protection (Max temp. = 50°C during short circuit conditions)
Continuous, Auto Restart
Operating Temperature Range (free air convection)
-40°C to +71°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Case Material
Nickel Plated Metal with Non-Conductive Base
Thermal Impedance
Natural convection
12°C/W
Package Weight
16g
Packing Quantity
15 pcs per Tube
100 pcs per Reel
MTBF (+25°C)
using MIL-HDBK 217F
800 x 103hours
(+71°C)
using MIL-HDBK 217F
>200 x 103hours
Certifications
UL General Safety Report: E248550
UL 60950-1 1st Ed.
C22.2 No. 60950-1-03
EN General Safety Report: LVD-2K05230
EN60950-1:2001
EN Medical Safety Report: ETS-060065
EN60601-1:1988 + A1: 1991 + A2: 1995
Detailed Information see
Application Notes chapter "MTBF"
}
100
25
50
160
140
50
0
% of Rated Load
0
75
120
100
180 200
Overload Response


Similar Part No. - REC7.5-xx12DRWHAM

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC7.5-1205DRW RECOM-REC7.5-1205DRW Datasheet
80Kb / 2P
   7.5 Watt DIP24 & SMD Single & Dual Output
REC7.5-1205DRWH1 RECOM-REC7.5-1205DRWH1 Datasheet
80Kb / 2P
   7.5 Watt DIP24 & SMD Single & Dual Output
REC7.5-1205DRWH1AM RECOM-REC7.5-1205DRWH1AM Datasheet
80Kb / 2P
   7.5 Watt DIP24 & SMD Single & Dual Output
REC7.5-1205DRWH1AMSMD RECOM-REC7.5-1205DRWH1AMSMD Datasheet
80Kb / 2P
   7.5 Watt DIP24 & SMD Single & Dual Output
REC7.5-1205DRWH2 RECOM-REC7.5-1205DRWH2 Datasheet
80Kb / 2P
   7.5 Watt DIP24 & SMD Single & Dual Output
More results

Similar Description - REC7.5-xx12DRWHAM

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC7.5-123.3SRW RECOM-REC7.5-123.3SRW Datasheet
80Kb / 2P
   7.5 Watt DIP24 & SMD Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC8 RECOM-REC8 Datasheet
125Kb / 3P
   8 Watt DIP24 & SMD Single & Dual Output
RP08-A RECOM-RP08-A Datasheet
499Kb / 7P
   8 Watt DIP24/SMD Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP08-123.3SA RECOM-RP08-123.3SA Datasheet
103Kb / 4P
   8 Watt DIP24 & SMD, Single & Dual Output
RP03-0533SG RECOM-RP03-0533SG Datasheet
99Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC5-053.3SRW RECOM-REC5-053.3SRW Datasheet
84Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com