Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RKZ Datasheet(PDF) 3 Page - Recom International Power

Part # RKZ
Description  2 Watt SIP7 Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RKZ Datasheet(HTML) 3 Page - Recom International Power

  RKZ_10 Datasheet HTML 1Page - Recom International Power RKZ_10 Datasheet HTML 2Page - Recom International Power RKZ_10 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Typical Characteristics
RKZ
Series
ECONOLINE
DC/DC-Converter
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
1212
2412
0512
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2415
0515
1215
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0512
0.000
5.000
10.000
15.000
20.000
25.000
2412
1212
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
2415
0.000
5.000
10.000
15.000
20.000
25.000
1215
0515
RKZ-xx12D
RKZ-xx15D
Package Style and Pinning (mm)
Single Output
7.05
0.51 typ.
4.10
10.20
19.65
1.27
0.25
5 x 2.54
2.0
RECOM
RKZ-xxxxD
****
Dual Output
12
5 6 7
RECOM
RKZ-xxxxD
****
12
5
7
RECOM
RKZ-xxxxS
****
0.51 typ.
2.54
1.00ø+0.15/–0
2.54
Top View
Bottom View
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
–Vin
–Vin
5
–Vout
–Vout
6
No Pin
Com
7
+Vout
+Vout
NC = No Connection
Recommended Footprint Details
7 PIN SIP Package
3rd angle
projection
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
REV:0/2010
E-59
www.recom-international.com


Similar Part No. - RKZ_10

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RKZ-1205D RECOM-RKZ-1205D Datasheet
108Kb / 3P
   2 Watt SIP7 Single & Dual Output
RKZ-1205D RECOM-RKZ-1205D Datasheet
108Kb / 3P
   2 Watt SIP7 Single & Dual Output
RKZ-1205DHP RECOM-RKZ-1205DHP Datasheet
108Kb / 3P
   2 Watt SIP7 Single & Dual Output
RKZ-1205DP RECOM-RKZ-1205DP Datasheet
108Kb / 3P
   2 Watt SIP7 Single & Dual Output
RKZ-1205S RECOM-RKZ-1205S Datasheet
108Kb / 3P
   2 Watt SIP7 Single & Dual Output
More results

Similar Description - RKZ_10

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RKZ-053.3S RECOM-RKZ-053.3S_06 Datasheet
108Kb / 3P
   2 Watt SIP7 Single & Dual Output
RKZ RECOM-RKZ Datasheet
108Kb / 3P
   2 Watt SIP7 Single & Dual Output
REZ-053.3S RECOM-REZ-053.3S_06 Datasheet
90Kb / 3P
   2 Watt SIP7 Single Output
RKZE RECOM-RKZE Datasheet
1Mb / 5P
   2 Watt SIP7 Single and Dual Output
RP-3.305S RECOM-RP-3.305S Datasheet
102Kb / 3P
   1 Watt SIP7 SIP7 Single & Dual Output
RD-123.3D RECOM-RD-123.3D Datasheet
100Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RD-053.3D RECOM-RD-053.3D_06 Datasheet
96Kb / 3P
   2 Watt SIP7 & DIP14 Dual Output
RUZ RECOM-RUZ Datasheet
97Kb / 3P
   2 Watt SIP7 Isolated Dual Output
RY-0505SCP RECOM-RY-0505SCP_06 Datasheet
95Kb / 3P
   1 Watt SIP7 Single & Dual Output
RUZ-053.33.3 RECOM-RUZ-053.33.3_06 Datasheet
90Kb / 3P
   2 Watt SIP7 Isolated Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com