Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RKZ Datasheet(PDF) 2 Page - Recom International Power

Part No. RKZ
Description  2 Watt SIP7 Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RKZ Datasheet(HTML) 2 Page - Recom International Power

  RKZ_10 Datasheet HTML 1Page - Recom International Power RKZ_10 Datasheet HTML 2Page - Recom International Power RKZ_10 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
0505
1205
2405
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
1212
2412
0512
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
2405
0.000
5.000
10.000
15.000
20.000
25.000
1205
0505
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
2412
0.000
5.000
10.000
15.000
20.000
25.000
0512
1212
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2415
0515
1215
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
0505
2405
1205
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
2415
0.000
5.000
10.000
15.000
20.000
25.000
1215
0515
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
2405
0.000
5.000
10.000
15.000
20.000
25.000
0505
1205
RKZ-xx15S
RKZ-xx05D
Typical Characteristics
RKZ
Series
ECONOLINE
DC/DC-Converter
RKZ-xx05S
RKZ-xx12S
REV: 0/2010
www.recom-electronic.com
E-58


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn