Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHN203 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PHN203
Description  Dual N-channel TrenchMOS logic level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PHN203 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PHN203 Datasheet HTML 5Page - NXP Semiconductors PHN203 Datasheet HTML 6Page - NXP Semiconductors PHN203 Datasheet HTML 7Page - NXP Semiconductors PHN203 Datasheet HTML 8Page - NXP Semiconductors PHN203 Datasheet HTML 9Page - NXP Semiconductors PHN203 Datasheet HTML 10Page - NXP Semiconductors PHN203 Datasheet HTML 11Page - NXP Semiconductors PHN203 Datasheet HTML 12Page - NXP Semiconductors PHN203 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PHN203
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 27 April 2010
9 of 13
NXP Semiconductors
PHN203
Dual N-channel TrenchMOS logic level FET
7.
Package outline
Fig 14. Package outline SOT96-1 (SO8)
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E(2)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
1.75
0.25
0.10
1.45
1.25
0.25
0.49
0.36
0.25
0.19
5.0
4.8
4.0
3.8
1.27
6.2
5.8
1.05
0.7
0.6
0.7
0.3
8
0
o
o
0.25
0.1
0.25
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included.
2. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included.
1.0
0.4
SOT96-1
X
w M
θ
A
A1
A2
b p
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
4
5
pin 1 index
1
8
y
076E03
MS-012
0.069
0.010
0.004
0.057
0.049
0.01
0.019
0.014
0.0100
0.0075
0.20
0.19
0.16
0.15
0.05
0.244
0.228
0.028
0.024
0.028
0.012
0.01
0.01
0.041
0.004
0.039
0.016
0
2.5
5 mm
scale
SO8: plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
99-12-27
03-02-18


Similar Part No. - PHN203

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHN203 PHILIPS-PHN203 Datasheet
98Kb / 7P
   Dual N-channel enhancement mode TrenchMOS transistor
January 1999 Rev 1.000
logo
Nexperia B.V. All right...
PHN203 NEXPERIA-PHN203 Datasheet
767Kb / 13P
   Dual N-channel TrenchMOS logic level FET
Rev. 05 - 27 April 2010
More results

Similar Description - PHN203

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9K29-100E PHILIPS-BUK9K29-100E_15 Datasheet
313Kb / 13P
   Dual N-channel TrenchMOS logic level FET
28 March 2013
BUK9K45-100E PHILIPS-BUK9K45-100E_15 Datasheet
308Kb / 13P
   Dual N-channel TrenchMOS logic level FET
26 March 2013
logo
Nexperia B.V. All right...
PHKD6N02LT NEXPERIA-PHKD6N02LT Datasheet
748Kb / 13P
   Dual N-channel TrenchMOS logic level FET
Rev. 04 - 27 April 2010
logo
NXP Semiconductors
BUK9K18-40E115 NXP-BUK9K18-40E115 Datasheet
303Kb / 13P
   Dual N-channel TrenchMOS logic level FET
23 April 2013
logo
Nexperia B.V. All right...
BUK9K6R2-40E NEXPERIA-BUK9K6R2-40E Datasheet
739Kb / 13P
   Dual N-channel TrenchMOS logic level FET
PHKD13N03LT NEXPERIA-PHKD13N03LT Datasheet
781Kb / 13P
   Dual N-channel TrenchMOS logic level FET
Rev. 5 - 27 December 2011
logo
NXP Semiconductors
BUK9K6R2-40E PHILIPS-BUK9K6R2-40E_15 Datasheet
303Kb / 13P
   Dual N-channel TrenchMOS logic level FET
23 April 2013
BUK9K89-100E PHILIPS-BUK9K89-100E_15 Datasheet
296Kb / 13P
   Dual N-channel TrenchMOS logic level FET
23 April 2013
BUK9K18-40E NXP-BUK9K18-40E Datasheet
303Kb / 13P
   Dual N-channel TrenchMOS logic level FET
23 April 2013
PHKD6N02LT NXP-PHKD6N02LT Datasheet
181Kb / 13P
   Dual N-channel TrenchMOS logic level FET
Rev. 04-27 April 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com