Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHKD6N02LT Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PHKD6N02LT
Description  Dual N-channel TrenchMOS logic level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PHKD6N02LT Datasheet(HTML) 1 Page - NXP Semiconductors

  PHKD6N02LT Datasheet HTML 1Page - NXP Semiconductors PHKD6N02LT Datasheet HTML 2Page - NXP Semiconductors PHKD6N02LT Datasheet HTML 3Page - NXP Semiconductors PHKD6N02LT Datasheet HTML 4Page - NXP Semiconductors PHKD6N02LT Datasheet HTML 5Page - NXP Semiconductors PHKD6N02LT Datasheet HTML 6Page - NXP Semiconductors PHKD6N02LT Datasheet HTML 7Page - NXP Semiconductors PHKD6N02LT Datasheet HTML 8Page - NXP Semiconductors PHKD6N02LT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PHKD6N02LT
Dual N-channel TrenchMOS logic level FET
Rev. 04 — 27 April 2010
Product data sheet
1.
Product profile
1.1 General description
Dual logic level N-channel enhancement mode Field-Effect Transistor (FET) in a plastic
package using TrenchMOS technology. This product is designed and qualified for use in
computing, communications, consumer and industrial applications only.
1.2 Features and benefits
Low conduction losses due to low
on-state resistance
Suitable for logic level gate drive
sources
1.3 Applications
Battery chargers
DC-to-DC convertors
Notebook computers
Portable equipment
1.4 Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 150 °C
--20
V
ID
drain current
Tsp = 25 °C; Single device
conducting; see Figure 1;
see Figure 3
--10.9
A
Ptot
total power
dissipation
Tsp =25°C; see Figure 2
--4.17
W
Static characteristics
RDSon
drain-source on-state
resistance
VGS =2.5 V; ID =3A; Tj = 25 °C
-
25
35
m
Dynamic characteristics
QGD
gate-drain charge
VGS =5V; ID =6A; VDS =16 V;
Tj =25°C; see Figure 11
-6
-nC


Similar Part No. - PHKD6N02LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHKD6N02LT PHILIPS-PHKD6N02LT Datasheet
251Kb / 12P
   Dual TrenchMOS logic level FET
Rev. 02-12 August 2003
logo
Nexperia B.V. All right...
PHKD6N02LT NEXPERIA-PHKD6N02LT Datasheet
748Kb / 13P
   Dual N-channel TrenchMOS logic level FET
Rev. 04 - 27 April 2010
More results

Similar Description - PHKD6N02LT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9K29-100E PHILIPS-BUK9K29-100E_15 Datasheet
313Kb / 13P
   Dual N-channel TrenchMOS logic level FET
28 March 2013
BUK9K45-100E PHILIPS-BUK9K45-100E_15 Datasheet
308Kb / 13P
   Dual N-channel TrenchMOS logic level FET
26 March 2013
logo
Nexperia B.V. All right...
PHKD6N02LT NEXPERIA-PHKD6N02LT Datasheet
748Kb / 13P
   Dual N-channel TrenchMOS logic level FET
Rev. 04 - 27 April 2010
logo
NXP Semiconductors
PHN203 NXP-PHN203 Datasheet
204Kb / 13P
   Dual N-channel TrenchMOS logic level FET
Rev. 05-27 April 2010
BUK9K18-40E115 NXP-BUK9K18-40E115 Datasheet
303Kb / 13P
   Dual N-channel TrenchMOS logic level FET
23 April 2013
logo
Nexperia B.V. All right...
BUK9K6R2-40E NEXPERIA-BUK9K6R2-40E Datasheet
739Kb / 13P
   Dual N-channel TrenchMOS logic level FET
PHKD13N03LT NEXPERIA-PHKD13N03LT Datasheet
781Kb / 13P
   Dual N-channel TrenchMOS logic level FET
Rev. 5 - 27 December 2011
logo
NXP Semiconductors
BUK9K6R2-40E PHILIPS-BUK9K6R2-40E_15 Datasheet
303Kb / 13P
   Dual N-channel TrenchMOS logic level FET
23 April 2013
BUK9K89-100E PHILIPS-BUK9K89-100E_15 Datasheet
296Kb / 13P
   Dual N-channel TrenchMOS logic level FET
23 April 2013
BUK9K18-40E NXP-BUK9K18-40E Datasheet
303Kb / 13P
   Dual N-channel TrenchMOS logic level FET
23 April 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com